Electronic Components Datasheet Search
  English  ▼

X  

DG721 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG721
Description  1.8 V to 5.5 V, 4 Ω Dual SPST Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG721 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG721 Datasheet HTML 1Page - Vishay Siliconix DG721 Datasheet HTML 2Page - Vishay Siliconix DG721 Datasheet HTML 3Page - Vishay Siliconix DG721 Datasheet HTML 4Page - Vishay Siliconix DG721 Datasheet HTML 5Page - Vishay Siliconix DG721 Datasheet HTML 6Page - Vishay Siliconix DG721 Datasheet HTML 7Page - Vishay Siliconix DG721 Datasheet HTML 8Page - Vishay Siliconix DG721 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 66586
S11-1799-Rev. F, 12-Sep-11
www.vishay.com
5
Vishay Siliconix
DG721, DG722, DG723
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RON vs. VD and Single Supply Voltage
RON vs. Analog Voltage and Temperature
Leakage Current vs. Temperature
VD - Analog Voltage (V)
0
5
10
15
20
25
30
35
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
T = 25 °C
INO/NC = - 10 mA
V+ = 1.8 V
V+ = 2.4 V
V+ = 2.7 V
V+ = 3.0 V
V+ = 3.3 V
V+ = 4.5 V
V+ = 5.0 V
V+ = 5.5 V
VD - Analog Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V+ = 4.5 V
INO/NC = - 10 mA
- 40 °C
+ 25 °C
+ 85 °C
Temperature (°C)
0.1
1
10
100
- 60
- 40
- 20
0
20
40
60
80
100
120
V+ = 5.5 V
COM(ON)
I
ICOM(OFF)
INO(OFF)
RON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
Switching Threshold vs. Supply Voltage
VD - Analog Voltage (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
V+ = 2.7 V
INO/NC = - 10 mA
- 40 °C
+ 25 °C
+ 85 °C
Input Switching Frequency (Hz)
10 mA
1 mA
100 µA
10 µA
1 µA
100 nA
10 nA
1 nA
100 pA
10
100
1 K
10 K
100 K
1 M
10 M
V+ = 1.8 V
V+ = 3.0 V
V+ = 3.3 V
V+ = 5.0 V
V+ = 5.5 V
V+ - Supply Voltage (V)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIL
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com