Electronic Components Datasheet Search
  English  ▼

X  

DG721 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG721
Description  1.8 V to 5.5 V, 4 Ω Dual SPST Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG721 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG721 Datasheet HTML 1Page - Vishay Siliconix DG721 Datasheet HTML 2Page - Vishay Siliconix DG721 Datasheet HTML 3Page - Vishay Siliconix DG721 Datasheet HTML 4Page - Vishay Siliconix DG721 Datasheet HTML 5Page - Vishay Siliconix DG721 Datasheet HTML 6Page - Vishay Siliconix DG721 Datasheet HTML 7Page - Vishay Siliconix DG721 Datasheet HTML 8Page - Vishay Siliconix DG721 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 66586
S11-1799-Rev. F, 12-Sep-11
Vishay Siliconix
DG721, DG722, DG723
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 4 mW/°C above 70 °C.
d. Derate 10.53 mW/°C above 70 °C.
DG722, TDFN-8
NC1
V+
COM1
IN1
IN2
COM2
GND
NC2
1
2
3
4
8
7
6
5
Top View
Pin 1
AEX
NC2
COM2
IN1
V+
NC1
COM1
IN2
GND
8
7
6
5
1
2
3
4
Bottom View
Device Marking for MSOP-8: 722
DG722, MSOP-8
NC1
V+
COM1
IN1
IN2
COM2
C
N
D
N
G
2
1
2
3
4
8
7
6
5
Top View
Device Marking for TDFN-8: for DG722
x = Date/Lot Traceability Code
DG723, TDFN-8
NO1
V+
COM1
IN1
IN2
COM2
GND
NC2
1
2
3
4
8
7
6
5
Top View
Pin 1
Device Marking for TDFN-8: for DG723
x = Date/Lot Traceability Code
AFX
NC2
COM2
IN1
V+
NO1
COM1
IN2
GND
8
7
6
5
1
2
3
4
Bottom View
Device Marking for MSOP-8: 723
DG723, MSOP-8
NO1
V+
COM1
IN1
IN2
COM2
C
N
D
N
G
2
1
2
3
4
8
7
6
5
Top View
TRUTH TABLE (DG721, DG722)
Logic
DG721
DG722
Switches
01
Off
10
On
TRUTH TABLE (DG723)
Logic
Switch-1
Switch-2
0Off
On
1On
Off
ORDERING INFORMATION
Temperature Range
Package
Part Number
- 40 °C to 85 °C
MSOP-8
DG721DQ-T1-GE3
DG722DQ-T1-GE3
DG723DQ-T1-GE3
TDFN-8
DG721DN-T1-GE4
DG722DN-T1-GE4
DG723DN-T1-GE4
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Referenced V+ to GND
- 0.3 to 6
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3)
Continuous Current (Any Terminal)
± 50
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 200
Storage Temperature (D Suffix)
- 65 to 150
°C
Power Dissipation (Packages)b
MSOP-8c
320
mW
TDFN-8d
842



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com