Electronic Components Datasheet Search
  English  ▼

X  

MSK4401D Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK4401D
Description  29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4401D Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK4401D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4401D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4401D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4401D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4401D Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
IN
AL,BL,CL - Are the lowside logic level digital inputs.
These
three inputs control the three lowside bridge transistors. If the
highside inputs are low, then the lowside inputs will control
both the lowside and the highside of the bridge, with deadtime
set by the SWR resistor. EN will override these inputs, forcing
all outputs low. These inputs can be driven by logic up to 15V
(less than VBIAS). An internal pullup to VBIAS will hold each
input high if the pins are not driven.
MSK 4401 PIN DESCRIPTIONS
AH,BH,CH - Are the highside logic level digital inputs. These
three inputs control the three highside bridge transistors. Un-
less the deadtime is disabled by connecting SWR to ground, the
lowside input of each phase will override the corresponding
highside input. If SWR is the lowside input of each phase will
override the corresponding highside input.
In this condition,
tied to ground, deadtime is disabled and the outputs follow the
inputs. In this condition, shoot-through must be avoided exter-
nally. EN will override all inputs, forcing outputs low.
VBIAS - Is the positive supply for the gate drive. This pin should
be decoupled to ground with at least a 22µF capacitor in parallel
with a 0.1µF ceramic capacitor.
GROUND - Is the return for the VBIAS supply. This pin should
be connected to the return of the lowside MOSFETs or the bot-
tom of the sense resistor at the bottom of the bridge. The gate
drive current must return through this pin, so trace lengths should
be kept to a minimum. All grounds should be returned to the
bottom of the bridge or sense resistor in a star fashion. This
will eliminate ground loops.
SWR - Is the pin for controlling the deadtime between the top
and bottom transistors of the bridge. By connecting a pullup
resistor between this pin and VBIAS, various deadtimes can be
obtained. There is and internal 100K
Ω pullup resistor connected
internally. By adding additional resistors in externally, reduced
deadtimes can be achieved. By connecting this pin directly to
ground, all deadtime is eliminated. However, care must be taken
to assure that deadtime is being generated by the logic circuitry
driving the inputs. Shoot-through can occur (both the top and
bottom transistors on at the same time for a given phase, caus-
ing a short on the V+ supply to ground) destroying the bridge.
V+ - Is the power connection for the top of the output bridge.
These pins must be bypassed by a capacitor to ground of a
least 10µF per amp preferrably 100µF per amp of output current
minimum, high quality high frequency bypass capacitance to
help suppress switching noise. Connect both pins for proper
current sharing.
A
Ø, BØ, CØ - Are the output pins for the three phases of power
bridge. Connect both pins for proper current sharing.
The size and placement of the capacitors for the main voltage
bus for the motor will have an effect on the noise filtered through-
out the rest of the system. Series RLC tuned circuit is being
created by the inductance of the wire (about 30nH per inch),
the filter capacitance, and all of the resistances (wire resistance
and the capacitor ESR) of the overall power circuit. Voltage
spikes from the back EMF if the motor ride on top of the bus
voltage. All of this must be taken into account when laying out
the system. A first capacitor of high quality and low ESR should
be placed as close to the hybrid circuit as possible. Along with
that, a capacitor of 5x to 10x the first value should be added
(and that second capacitor should have some ESR) and/or a
resistor should be added to help with the damping of the volt-
age spikes. Be careful of the ripple current in all the capacitors.
Excessive ripple current, beyond what the capacitor is rated
for, will destroy the capacitor.
BUS VOLTAGE FILTER CAPACITORS
It is recommended that at least 22µF of capacitance for by-
passing the VBIAS voltage that supplies the drive circuitry for
the MSK 4401, along with 0.1µF for helping the high frequency
current pulses needed by the gate driver. If an extremely long
risetime is exhibited by the turn on of the FETs, the extra high
frequency capacitance will help.
BIAS SUPPLY BYPASS CAPACITORS
Good high frequency PC layout techniques are a must. Traces
wide enough for the current delivered, and placement of the big
capacitors close to the MSK 4401 are very important.
The
path for the RSENSE connection through any sense resistor
back to the GND pins must be as short as possible. This path is
the gate drive current path for all the FETs on the lower half of
each phase. A short, low inductance path will aid in the switch-
ing time of those FETs.
GENERAL LAYOUT
When starting up the circuit utilizing the MSK 4401 for the first
time, it is very important to keep certain things in mind. Be-
cause of the small size of the bridge, there is no internal short
circuit protection and a short circuit will destroy the bridge.
Any required short circuit protection must be built outside the
bridge. Current and voltage limit the power supply feeding the
V+ pins to the bridge, and monitor the current for any signs of
short circuiting, or shoot-through currents. If there are large
current spikes at the beginning of each switching cycle, there
may be shoot through.
Try raising the resistor value of the
SWR. This will lengthen the deadtime and stop shoot-through.
LOW POWER STARTUP
Rev. E 11/04
3
EN - Is the enabling input for the bridge. This digital input,
when pulled low, will enable the bridge, following the inputs
from AL, BL, CL and AH, BH, CH inputs. When pulled high, it
will override all other inputs and disable the bridge. It is inter-
nally pulled high to VBIAS, and can be driven by logic levels up
to VBIAS.
RSENSE - Are the connections to the bottom of the bridge. All
power flowing through the bridge will flow through this point,
and can be sensed by connecting a sense resistor from here to
ground. The sense resistor will develop a voltage proportional
to the current flowing. Size the value and power rating of the
sense resistor according to the voltage necessary. 3 volts is the
maximum voltage between this point and ground, or damage to
the hybrid will result. Connect both pins for proper current shar-
ing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com