Electronic Components Datasheet Search
  English  ▼

X  

MSK4401D Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4401D
Description  29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4401D Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4401D Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4401D Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4401D Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4401D Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4401D Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AØ
AØ
V+
V+
BØ
BØ
CØ
CØ
RSENSE
RSENSE
The MSK 4401 is a 3 phase MOSFET bridge plus drivers in a convenient isolated plastic power package. The
module is capable of 29 amps of output current and 75 volts of DC bus voltage. It has a full line of protection
features, including undervoltage lockout protection of the bias voltage, cross conduction control and a user program-
mable dead-time control for shoot-through elimination. In addition, the bridge may shut down by using the ENABLE
control. The MSK 4401 provides good thermal conductivity for the MOSFETs due to isolated plate design that allows
direct heat sinking of the device without insulators.
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
ISO 9001 CERTIFIED BY DSCC
4401
FEATURES:
75 Volt Motor Supply Voltage
29 Amp Output Switch Capability, All N-Channel MOSFET Output Bridge
100% Duty Cycle High Side Conduction Capable
Suitable for PWM Applications from DC to 100KHz
Shoot-Through/Cross Conduction Protection
Undervoltage Lockout Protection
Programmable Dead-Time Control
Low Active Enable for Bridge Shutdown Control
Isolated Case for High Voltage Isolation Plus Good Thermal Transfer
Available with 4 Lead Bend Options
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
29 AMP, 75V, 3 PHASE MOSFET
BRIDGE WITH INTELLIGENT
INTEGRATED GATE DRIVE
DESCRIPTION:
EQUIVALENT SCHEMATIC
20
19
18
17
16
15
14
13
12
11
3 Phase Brushless DC
Servo Control
Fin Actuator Control
Gimbal Control
3 Phase AC
Induction Motor Control
HVAC Blower Control
1
2
3
4
5
6
7
8
9
10
BH
BL
AL
AH
SWR
VBIAS
EN
CL
CH
GND
Rev. E 11/04
1


Similar Part No. - MSK4401D

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4401D ANAREN-MSK4401D Datasheet
133Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
More results

Similar Description - MSK4401D

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4300 MSK-MSK4300 Datasheet
268Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4400S MSK-MSK4400S Datasheet
275Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4301 MSK-MSK4301 Datasheet
311Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4227S MSK-MSK4227S Datasheet
214Kb / 4P
200 VOLT 20 AMP MOSFET H-BRIDGE WITH GATE DRIVE GATE DRIVE
logo
Fairchild Semiconductor
FAN7389 FAIRCHILD-FAN7389_12 Datasheet
1Mb / 17P
3-Phase Half-Bridge Gate-Drive IC
logo
M.S. Kennedy Corporatio...
MSK4301 MSK-MSK4301_15 Datasheet
760Kb / 6P
PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
logo
Anaren Microwave
MSK4401 ANAREN-MSK4401 Datasheet
133Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4301 ANAREN-MSK4301 Datasheet
760Kb / 6P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4300 ANAREN-MSK4300 Datasheet
131Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
logo
ON Semiconductor
FAN73896 ONSEMI-FAN73896 Datasheet
2Mb / 18P
3-Phase Half-Bridge Gate-Drive IC
October 2015 Rev.1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com