Electronic Components Datasheet Search
  English  ▼

X  

HS-32 Datasheet(PDF) 1 Page - C&D Technologies

Part # HS-32
Description  14-Bit, 1MHz Sampling A/D Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HS-32 Datasheet(HTML) 1 Page - C&D Technologies

  HS-32 Datasheet HTML 1Page - C&D Technologies HS-32 Datasheet HTML 2Page - C&D Technologies HS-32 Datasheet HTML 3Page - C&D Technologies HS-32 Datasheet HTML 4Page - C&D Technologies HS-32 Datasheet HTML 5Page - C&D Technologies HS-32 Datasheet HTML 6Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
®
ADS-941
14-Bit, 1MHz
Sampling A/D Converters
FEATURES
• 14-bit resolution
• 1MHz minimum sampling rate
• Functionally complete
• Internal reference and sample/hold
• No missing codes
• Excellent performance
• Full Nyquist-rate sampling
• Small 32–pin DIP
• Low power, 2.8 Watts
GENERAL DESCRIPTION
DATEL's ADS-941 is a functionally complete, 14-bit, 1MHz,
sampling A/D converter. Its standard, 32-pin, triple-wide
ceramic DIP contains a fast-settling sample/hold amplifier, a
14-bit subranging (two-pass) A/D converter, a precision
reference, a three-state output register, and all the timing and
control logic necessary to operate from a single start convert
pulse.
The ADS-941 is optimized for wideband frequency-domain
applications and is fully FFT tested. Total harmonic distortion
(THD) and signal-to-noise ratio (including distortion) typically
run at –85dB and 80dB, respectively, with full-scale inputs up
to 100kHz.
The ADS-941 requires ±15V and +5V supplies and typically
consumes 2.8 Watts.
INPUT/OUTPUT CONNECTIONS
1
+10V REF. OUT
32
START CONVERT
2
BIPOLAR
31
BIT 1 OUT (MSB)
3
ANALOG INPUT
30
BIT 1 OUT (MSB)
4
SIGNAL GROUND
29
BIT 2 OUT
5
OFFSET ADJUST
28
BIT 3 OUT
6
ANALOG GROUND
27
BIT 4 OUT
7
OVERFLOW
26
BIT 5 OUT
8
CODING SELECT
25
BIT 6 OUT
9
ENABLE
24
BIT 7 OUT
10
+5V SUPPLY
23
BIT 8 OUT
11
DIGITAL GROUND
22
BIT 9 OUT
12
+15V SUPPLY
21
BIT 10 OUT
13
–15V SUPPLY
20
BIT 11 OUT
14
ANALOG GROUND
19
BIT 12 OUT
15
ANALOG GROUND
18
BIT 13 OUT
16
EOC
17
BIT 14 OUT (LSB)
PIN
FUNCTION
PIN
FUNCTION
Figure 1. ADS-941 Functional Block Diagram
REF
31 BIT 1 OUT (MSB)
30 BIT 1 OUT (MSB)
29 BIT 2 OUT
28 BIT 3 OUT
27 BIT 4 OUT
26 BIT 5 OUT
25 BIT 6 OUT
24 BIT 7 OUT
23 BIT 8 OUT
22 BIT 9 OUT
21 BIT 10 OUT
20 BIT 11 OUT
19 BIT 12 OUT
18 BIT 13 OUT
17 BIT 14 OUT (LSB)
TIMING AND
CONTROL LOGIC
+10V REF. OUT 1
START CONVERT 32
EOC 16
DAC
FLASH
ADC
BUFFER
ANALOG INPUT 3
S2
S1
4
SIGNAL
GROUND
11
DIGITAL
GROUND
12
+15V
SUPPLY
S/H
OFFSET
CIRCUIT
BIPOLAR 2
OFFSET ADJUST 5
10
+5V
SUPPLY
6, 14, 15
ANALOG
GROUND
8
CODING
SELECT
13
–5V
SUPPLY
9 ENABLE
7 OVERFLOW
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.)
• Tel: (508) 339-3000 Fax: (508) 339-6356 • For immediate assistance: (800) 233-2765


Similar Part No. - HS-32

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HS-32 MURATA-PS-HS-32 Datasheet
156Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Hitec RCD USA
HS-322HD HITEC-RCD-HS-322HD Datasheet
143Kb / 1P
ANNOUNCED SPECIFICATION OF HS-322HD STANDARD DELUXE SERVO
HS-323HD HITEC-RCD-HS-323HD Datasheet
195Kb / 1P
Contact Analog Potentiometer
Ver2.1
logo
PIC GmbH
HS-324-01-0300 PIC-HS-324-01-0300 Datasheet
96Kb / 1P
Flatpack Hall Effect Sensor
HS-324-02-0300 PIC-HS-324-02-0300 Datasheet
199Kb / 3P
Flatpack Hall Effect Sensor
More results

Similar Description - HS-32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-917 MURATA-PS-ADS-917 Datasheet
191Kb / 8P
14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-927 MURATA-PS-ADS-927 Datasheet
152Kb / 8P
14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
500kHz, 14-Bit Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
16-Bit, 1MHz Sampling A/D Converters
ADS-937 MURATA-PS-ADS-937 Datasheet
740Kb / 8P
16-Bit, 1MHz Sampling A/D Converters
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
14-Bit, 1MHz Sampling A/D Converters
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
14-Bit, 5MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com