Electronic Components Datasheet Search
  English  ▼

X  

HS-32 Datasheet(PDF) 4 Page - C&D Technologies

Part # HS-32
Description  14-Bit, 1MHz Sampling A/D Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HS-32 Datasheet(HTML) 4 Page - C&D Technologies

  HS-32 Datasheet HTML 1Page - C&D Technologies HS-32 Datasheet HTML 2Page - C&D Technologies HS-32 Datasheet HTML 3Page - C&D Technologies HS-32 Datasheet HTML 4Page - C&D Technologies HS-32 Datasheet HTML 5Page - C&D Technologies HS-32 Datasheet HTML 6Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
®
®
ADS-941
4
Figure 3. ADS-941 Connection Diagram
Figure 2. ADS-941 Timing Diagram
Removing System Errors
Use external potentiometers to remove system errors or to
reduce the small initial errors to zero. Use a 100
Ω trimpot in
series with the analog input for gain adjustment. Use a fixed
50
Ω resistor instead of the trimpot for operation without
adjustment. Use a 20k
Ω trimpot with the wiper tied to OFFSET
ADJUST (pin 5) for zero/offset adjustment. Connect pin 5 to
ANALOG GROUND (pin 6) for operation without zero/offset
adjustment.
ADS-941
20k
Ω
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
7
16
BIT 1 (MSB)
BIT 1 (MSB)
BIT2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
BIT 13
BIT 14 (LSB)
OVERFLOW
EOC
ANALOG
GROUND
DIGITAL
GROUND
0.1µF
4.7µF
0.1µF
ENABLE
4.7µF
+10V
REF. OUT
CODING SELECT
10
11
9
1
8
+5V
–5V
+5V
OFFSET
ADJUST
5
3
0.1µF
4.7µF
6, 14, 15
13
0.1µF
4.7µF
12
–15V
+15V
32
START CONVERT
ANALOG INPUT
100
Ω
2
BIPOLAR
4 SIGNAL GROUND
ZERO/OFFSET
ADJUST
0 to +10V
GAIN ADJUST
Scale is approximately 50ns per division.
START
CONVERT
INTERNAL S/H
N
N+1
35ns max.
EOC
10ns typ.
Conversion Time
600ns typ.
OUTPUT
DATA
DATA N VALID
Hold
DATA N-1 VALID
30ns max.
50ns min., 100ns max
350ns max.
Aquisition Time
INVALID DATA
600ns min.
400ns max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com