Electronic Components Datasheet Search
  English  ▼

X  

GV2ME16 Datasheet(PDF) 7 Page - Schneider Electric

Part # GV2ME16
Description  TeSys Deca Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 9 to 14 A, screw clamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2ME16 Datasheet(HTML) 7 Page - Schneider Electric

  GV2ME16 Datasheet HTML 1Page - Schneider Electric GV2ME16 Datasheet HTML 2Page - Schneider Electric GV2ME16 Datasheet HTML 3Page - Schneider Electric GV2ME16 Datasheet HTML 4Page - Schneider Electric GV2ME16 Datasheet HTML 5Page - Schneider Electric GV2ME16 Datasheet HTML 6Page - Schneider Electric GV2ME16 Datasheet HTML 7Page - Schneider Electric GV2ME16 Datasheet HTML 8Page - Schneider Electric GV2ME16 Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Product data sheet
Dimensions Drawings
GV2ME16
Dimension
GV2ME
(1)
Maximum
X1 Electrical clearance = 40 mm for Ue ≤ 690 V
b
GV2ME●●
89
GV2ME●●3
101
Mounting
GV2ME
On 35 mm rail
c = 78.5 on AM1 DP200 (35 x 7.5)
c = 86 on AM1 DE200, ED200 (35 x 15)
On panel with adapter plate GV2AF02
On pre-slotted plate AM1 PA
On rails DZ5 MB201
GV2AF01
Combination GV2ME + TeSys k contactor
GV2AF3
May 11, 2022
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com