Electronic Components Datasheet Search
  English  ▼

X  

GV2ME16 Datasheet(PDF) 1 Page - Schneider Electric

Part # GV2ME16
Description  TeSys Deca Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 9 to 14 A, screw clamp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2ME16 Datasheet(HTML) 1 Page - Schneider Electric

  GV2ME16 Datasheet HTML 1Page - Schneider Electric GV2ME16 Datasheet HTML 2Page - Schneider Electric GV2ME16 Datasheet HTML 3Page - Schneider Electric GV2ME16 Datasheet HTML 4Page - Schneider Electric GV2ME16 Datasheet HTML 5Page - Schneider Electric GV2ME16 Datasheet HTML 6Page - Schneider Electric GV2ME16 Datasheet HTML 7Page - Schneider Electric GV2ME16 Datasheet HTML 8Page - Schneider Electric GV2ME16 Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product data sheet
Specifications
TeSys Deca Manual Starter and
Protector, thermal magnetic circuit
protector, push buttons, 9 to 14 A,
screw clamp
GV2ME16
Product availability : Stock - Normally stocked in distribution
facility
Price* : 224.00 USD
Main
Range of Product
TeSys GV2
Range
TeSys
TeSys Deca
Device short name
GV2ME
Product name
TeSys GV2
TeSys Deca
Product or Component Type
Circuit breaker
Device Application
Motor
Trip unit technology
Thermal-magnetic
Complementary
Poles description
3P
Network type
AC
Utilisation category
AC-3 IEC 60947-4-1
Category A IEC 60947-2
Network frequency
50/60 Hz IEC 60947-4-1
Fixing mode
35 mm symmetrical DIN rail clipped
Panel screwed with adaptor plate)
Operating position
Any position
Motor power kW
5.5 kW 400/415 V AC 50/60 Hz
7.5 kW 500 V AC 50/60 Hz
9 kW 690 V AC 50/60 Hz
11 kW 690 V AC 50/60 Hz
Breaking capacity
100 kA Icu 230/240 V AC 50/60 Hz IEC 60947-2
3 kA Icu 690 V AC 50/60 Hz IEC 60947-2
15 kA Icu 400/415 V AC 50/60 Hz IEC 60947-2
8 kA Icu 440 V AC 50/60 Hz IEC 60947-2
6 kA Icu 500 V AC 50/60 Hz IEC 60947-2
[Ics] rated service short-circuit
breaking capacity
100 % 230/240 V AC 50/60 Hz IEC 60947-2
75 % 690 V AC 50/60 Hz IEC 60947-2
75 % 500 V AC 50/60 Hz IEC 60947-2
50 % 400/415 V AC 50/60 Hz IEC 60947-2
50 % 440 V AC 50/60 Hz IEC 60947-2
Control Type
Push-button
Line Rated Current
14 A
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 11, 2022
1


Similar Part No. - GV2ME16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2ME16 ETC2-GV2ME16 Datasheet
74Kb / 3P
TeSys GV2-Circuit breaker-thermal-magnetic - 9...14 A - screw clamp terminals
logo
Schneider Electric
GV2ME16 SCHNEIDER-GV2ME16 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
GV2ME163 SCHNEIDER-GV2ME163 Datasheet
215Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 9...14 A, spring terminals
Aug 15, 2019
More results

Similar Description - GV2ME16

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GV2P16 SCHNEIDER-GV2P16 Datasheet
206Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, rotaryhandle, 9 to 14 A, screw clamp
Aug 15, 2019
GV2ME163 SCHNEIDER-GV2ME163 Datasheet
215Kb / 9P
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 9...14 A, spring terminals
Aug 15, 2019
GV2ME02 SCHNEIDER-GV2ME02 Datasheet
206Kb / 9P
TeSys Deca Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 0.16...0.25 A, screw clamp terminals
May 11, 2022
GV2ME03 SCHNEIDER-GV2ME03 Datasheet
206Kb / 9P
TeSys Deca Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 0.25...0.40 A, screw clamp terminals
May 11, 2022
GV2ME04 SCHNEIDER-GV2ME04 Datasheet
206Kb / 9P
TeSys Deca Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 0.4...0.63 A, screw clamp terminals
May 11, 2022
GV2ME083 SCHNEIDER-GV2ME083 Datasheet
210Kb / 9P
TeSys Deca Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 2.5...4 A, spring terminals
May 11, 2022
GV2L16 SCHNEIDER-GV2L16 Datasheet
260Kb / 12P
TeSys Deca Manual Starter and Protector, magnetic circuit protector, rotary handle, 14 A, screw clamp terminals
May 12, 2022
GV2ME013 SCHNEIDER-GV2ME013 Datasheet
209Kb / 9P
TeSys Deca Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 0.1...0.16 A, spring terminals
May 12, 2022
GV2ME023 SCHNEIDER-GV2ME023 Datasheet
210Kb / 9P
TeSys Deca Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 0.16...0.25 A, spring terminals
May 12, 2022
GV2ME053 SCHNEIDER-GV2ME053 Datasheet
210Kb / 9P
TeSys Deca Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 0.63...1 A, spring terminals
May 12, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com