Electronic Components Datasheet Search
  English  ▼

X  

NVC080N120SC1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NVC080N120SC1
Description  MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 80 m
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVC080N120SC1 Datasheet(HTML) 7 Page - ON Semiconductor

  NVC080N120SC1 Datasheet HTML 1Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 2Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 3Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 4Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 5Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 6Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 7Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NVC080N120SC1
www.onsemi.com
6
TYPICAL CHARACTERISTICS TJ = 25°C unless otherwise noted
Figure 8. Gate Charge Characteristics
Figure 9. Capacitance vs. Drain−to−Source
Voltage
Figure 10. Unclamped Inductive Switching
Capability
Figure 11. Maximum Continuous Drain Current
vs. Case Temperature
Figure 12. Forward Bias Safe Operating Area
Figure 13. Single Pulse Maximum Power
Dissipation
0
102030405060
0
5
10
15
20
ID = 20 A
VDD = 600 V
VDD = 800 V
Qg, GATE CHARGE (nC)
VDD = 400 V
0.1
1
10
100
800
1
10
100
1000
10000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
0.001
0.01
0.1
1
10
1
10
30
Starting TJ = 150 oC
Starting TJ = 25oC
tAV, TIME IN AVALANCHE (ms)
25
0
10
20
30
40
RqJC = 0.84 oC/W
VGS = 20 V
T
C, CASE TEMPERATURE (
oC)
0.1
0.01
1
10
100
1000
10 ms
10 ms
1 ms
100 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
RqJC = 0.84
oC/W
TC = 25
oC
0.00001
0.0001
0.001
0.01
0.1
100
1000
10000
50000
SINGLE PULSE
RqJC = 0.84
oC/W
TC = 25
oC
t, PULSE WIDTH (sec)
0.1
1
10
100
1000 5000
100 ms
50
75
100
125
150
175



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com