Electronic Components Datasheet Search
  English  ▼

X  

NVC080N120SC1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVC080N120SC1
Description  MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 80 m
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVC080N120SC1 Datasheet(HTML) 1 Page - ON Semiconductor

  NVC080N120SC1 Datasheet HTML 1Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 2Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 3Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 4Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 5Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 6Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 7Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
To learn more about onsemi™, please visit our website at
www.onsemi.com
ON Semiconductor
Is Now
onsemi and       and other names, marks, and brands are registered and/or common law trademarks of Semiconductor Components Industries, LLC dba “onsemi” or its affiliates and/or
subsidiaries in the United States and/or other countries. onsemi owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of onsemi
product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf. onsemi reserves the right to make changes at any time to any products or information herein, without
notice. The information herein is provided “as-is” and onsemi makes no warranty, representation or guarantee regarding the accuracy of the information, product features, availability, functionality,
or suitability of its products for any particular purpose, nor does onsemi assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all
liability, including without limitation special, consequential or incidental damages. Buyer is responsible for its products and applications using onsemi products, including compliance with all laws,
regulations and safety requirements or standards, regardless of any support or applications information provided by onsemi. “Typical” parameters which may be provided in onsemi data sheets and/
or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application
by customer’s technical experts. onsemi does not convey any license under any of its intellectual property rights nor the rights of others. onsemi products are not designed, intended, or authorized
for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for
implantation in the human body. Should Buyer purchase or use onsemi products for any such unintended or unauthorized application, Buyer shall indemnify and hold onsemi and its officers, employees,
subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that onsemi was negligent regarding the design or manufacture of the part. onsemi is an Equal Opportunity/Affirmative
Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. Other names and brands may be claimed as the property of others.


Similar Part No. - NVC080N120SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVC020N120SC1 ONSEMI-NVC020N120SC1 Datasheet
215Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 20 m
June, 2020-Rev. 0
NVC040N120SC1 ONSEMI-NVC040N120SC1 Datasheet
223Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 40 m
September, 2020-Rev. 0
More results

Similar Description - NVC080N120SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTH4L080N120SC1 ONSEMI-NTH4L080N120SC1 Datasheet
419Kb / 8P
MOSFET ??Power, N-Channel, Silicon Carbide, 1200 V, 80 m
December, 2019??Rev. 1
NVH4L080N120SC1 ONSEMI-NVH4L080N120SC1 Datasheet
278Kb / 7P
MOSFET ??Power, N-Channel, Silicon Carbide, TO-247-4L 1200 V, 80 m
December, 2019??Rev. 1
logo
Cree, Inc
CAB011M12FM3 CREE-CAB011M12FM3 Datasheet
2Mb / 11P
1200 V, 11 m廓 All-Silicon Carbide
logo
ON Semiconductor
NTC020N120SC1 ONSEMI-NTC020N120SC1 Datasheet
215Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 20 m
May, 2020 ??Rev. 0
NTC040N120SC1 ONSEMI-NTC040N120SC1 Datasheet
223Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 40 m
September, 2020 ??Rev. 0
NTC080N120SC1 ONSEMI-NTC080N120SC1 Datasheet
273Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 80 m
June, 2020 ??Rev. 0
NVC020N120SC1 ONSEMI-NVC020N120SC1 Datasheet
215Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 20 m
June, 2020-Rev. 0
NVC040N120SC1 ONSEMI-NVC040N120SC1 Datasheet
223Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 40 m
September, 2020-Rev. 0
logo
Alpha & Omega Semicondu...
AOK150V120X2Q AOSMD-AOK150V120X2Q Datasheet
833Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.1 September 2021
AOK033V120X2 AOSMD-AOK033V120X2 Datasheet
829Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.0 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com