Electronic Components Datasheet Search
  English  ▼

X  

LUCD05ES Datasheet(PDF) 3 Page - Schneider Electric

Part # LUCD05ES
Description  Advanced control unit, TeSys Ultra, 1.25A to 5A, 3P motors, protection & diagnostic, class 20, coil 48-72VAC/ DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LUCD05ES Datasheet(HTML) 3 Page - Schneider Electric

  LUCD05ES Datasheet HTML 1Page - Schneider Electric LUCD05ES Datasheet HTML 2Page - Schneider Electric LUCD05ES Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Shock resistance
10 gn power poles open IEC 60068-2-27
15 gn power poles closed IEC 60068-2-27
Vibration resistance
2 gn 5…300 Hz power poles open IEC 60068-2-6
4 gn 5…300 Hz power poles closed IEC 60068-2-6
Resistance to electrostatic
discharge
8 kV 3 in open air IEC 61000-4-2
8 kV 4 on contact IEC 61000-4-2
Non-dissipating shock wave
1 kV serial mode IEC 60947-6-2
2 kV common mode IEC 60947-6-2
Resistance to radiated fields
9.14 V/m (10 V/m) 3 IEC 61000-4-3
Resistance to fast transients
2 kV 3 serial link IEC 61000-4-4
4 kV 4 all circuits except for serial link IEC 61000-4-4
Immunity to radioelectric fields
10 V IEC 61000-4-6
Immunity to microbreaks
3 ms
Immunity to voltage dips
70 % / 500 ms IEC 61000-4-11
Ordering and shipping details
Category
22397-TESYS U - CNTRL MOD(LUCA,LUCD)
Discount Schedule
I11
GTIN
3389110364873
Nbr. of units in pkg.
1
Package weight(Lbs)
4.94 oz (140.0 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
4.13 in (10.5 cm)
Package 1 width
2.17 in (5.5 cm)
Package 1 Length
3.35 in (8.5 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
PVC free
Yes
Halogen content performance
Halogen free plastic parts product
Contractual warranty
Warranty
18 months
May 11, 2022
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com