Electronic Components Datasheet Search
  English  ▼

X  

LUCD05ES Datasheet(PDF) 1 Page - Schneider Electric

Part # LUCD05ES
Description  Advanced control unit, TeSys Ultra, 1.25A to 5A, 3P motors, protection & diagnostic, class 20, coil 48-72VAC/ DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LUCD05ES Datasheet(HTML) 1 Page - Schneider Electric

  LUCD05ES Datasheet HTML 1Page - Schneider Electric LUCD05ES Datasheet HTML 2Page - Schneider Electric LUCD05ES Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Advanced control unit, TeSys Ultra,
1.25A to 5A, 3P motors, protection &
diagnostic, class 20, coil 48-72VAC/
DC
LUCD05ES
Product availability : Stock - Normally stocked in distribution
facility
Price* : 150.00 USD
Main
Range
TeSys
Range of Product
TeSys Ultra
Product name
TeSys Ultra
Device short name
LUCD
Product or Component Type
Advanced control unit
Device Application
Motor control
Motor protection
Product Specific Application
Basic protection and advanced functions, communication
Main function available
Manual reset
Protection against overload and short-circuit
Protection against phase failure and phase imbalance
Earth fault protection
Product compatibility
Power base LUB12
Power base LUB32
Power base LUB38
Power base LUB120
Power base LUB320
Power base LUB380
Reversing contactor breaker LU2B12ES
Reversing contactor breaker LU2B32ES
[Ue] rated operational voltage
690 V AC
Network frequency
40...60 Hz
Load type
3-phase motor self-cooled
Utilisation category
AC-41
AC-44
AC-43
Motor power kW
1.5 kW 400...440 V AC 50/60 Hz
2.2 kW 500 V AC 50/60 Hz
3 kW 690 V AC 50/60 Hz
Rated motor current adjustment
range
1.25…5 A
Thermal overload class
Class 20 40…60 Hz -13…158 °F (-25…70 °C) IEC 60947-6-2
Class 20 40…60 Hz -13…158 °F (-25…70 °C) UL 508
Tripping threshold
14.2 x Ir +/- 20 %
Phase failure sensitivity
Yes
[Uc] control circuit voltage
48 V AC
48...72 V DC
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 11, 2022
1


Similar Part No. - LUCD05ES

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LUCD05BL SCHNEIDER-LUCD05BL Datasheet
127Kb / 4P
Advanced control unit, TeSys Ultra, 1.25A to 5A, 3P motors, protection & diagnostic, class 20, coil 24VDC
May 10, 2022
LUCD05FU SCHNEIDER-LUCD05FU Datasheet
128Kb / 4P
Advanced control unit, TeSys Ultra, 1.25A to 5A, 3P motors, protection & diagnostic, class 20, coil 110-240VAC/DC
May 10, 2022
More results

Similar Description - LUCD05ES

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LUCB05B SCHNEIDER-LUCB05B Datasheet
127Kb / 4P
Advanced control unit, TeSys Ultra, 1.25A to 5A, 3P motors, protection & diagnostic, class 10, coil 24VAC
May 10, 2022
LUCB05BL SCHNEIDER-LUCB05BL Datasheet
128Kb / 4P
Advanced control unit, TeSys Ultra, 1.25A to 5A, 3P motors, protection & diagnostic, class 10, coil 24VDC
May 10, 2022
LUCA05ES SCHNEIDER-LUCA05ES Datasheet
128Kb / 4P
Standard control unit, TeSys Ultra, 1.25A to 5A, 3P motors, thermal magnetic protection, class 10, coil 48-72VAC/DC
May 11, 2022
LUCB05ES SCHNEIDER-LUCB05ES Datasheet
128Kb / 4P
Advanced control unit, TeSys Ultra, 1.25A to 5A, 3P motors, protection & diagnostic, class 10, coil 48-72VAC/ DC
May 11, 2022
LUCB32ES SCHNEIDER-LUCB32ES Datasheet
128Kb / 4P
Advanced control unit, TeSys Ultra, 8A to 32A, 3P motors, protection & diagnostic, class 10, coil 48-72VAC/ DC
May 11, 2022
LUCD05BL SCHNEIDER-LUCD05BL Datasheet
127Kb / 4P
Advanced control unit, TeSys Ultra, 1.25A to 5A, 3P motors, protection & diagnostic, class 20, coil 24VDC
May 10, 2022
LUCD05FU SCHNEIDER-LUCD05FU Datasheet
128Kb / 4P
Advanced control unit, TeSys Ultra, 1.25A to 5A, 3P motors, protection & diagnostic, class 20, coil 110-240VAC/DC
May 10, 2022
LUCD1XES SCHNEIDER-LUCD1XES Datasheet
126Kb / 3P
Advanced control unit, TeSys Ultra, 0.35A to 1.4A, 3P motors, protection & diagnostic, class 20, coil 48-72VAC/DC
May 11, 2022
LUCD12ES SCHNEIDER-LUCD12ES Datasheet
126Kb / 3P
Advanced control unit, TeSys Ultra, 3A to 12A, 3P motors, protection & diagnostic, class 20, coil 48-72VAC/ DC
May 11, 2022
LUCD32ES SCHNEIDER-LUCD32ES Datasheet
126Kb / 3P
Advanced control unit, TeSys Ultra, 8A to 32A, 3P motors, protection & diagnostic, class 20, coil 48-72VAC/ DC
May 11, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com