Electronic Components Datasheet Search
  English  ▼

X  

DG409LE Datasheet(PDF) 12 Page - Vishay Siliconix

Part # DG409LE
Description  17 Ω, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LE Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button DG409LE Datasheet HTML 8Page - Vishay Siliconix DG409LE Datasheet HTML 9Page - Vishay Siliconix DG409LE Datasheet HTML 10Page - Vishay Siliconix DG409LE Datasheet HTML 11Page - Vishay Siliconix DG409LE Datasheet HTML 12Page - Vishay Siliconix DG409LE Datasheet HTML 13Page - Vishay Siliconix DG409LE Datasheet HTML 14Page - Vishay Siliconix DG409LE Datasheet HTML 15Page - Vishay Siliconix DG409LE Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
DG408LE, DG409LE
www.vishay.com
Vishay Siliconix
S16-0389-Rev.A, 07-Mar-16
12
Document Number: 78084
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Fig. 5 - Charge Injection
Fig. 6 - Off Isolation
Fig. 7 - Crosstalk
Fig. 8 - Insertion Loss
Fig. 9 - Source Drain Capacitance
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?78084.
A0
EN
A1
A2
VO
V+
GND
V-
D
Vg
Rg
SX
CL
1 nF
Channel
Select
3 V
0 V
ON
Logic
Input
Switch
Output
V
O
V
O is the measured voltage due to charge transfer
error Q, when the channel turns off.
Q = CL x VO
OFF
V+
V-
VO
RL
50
VO
V+
GND
V-
A2
D
A1
A0
S8
SX
VS
EN
Rg = 50 
Off Isolation = 20 log
VOUT
VIN
VIN
V+
V-
RL
50
VO
V+
GND
V-
A2
D
A1
A0
S8
SX
VS
EN
Rg = 50 
Crosstalk = 20 log
VOUT
VIN
VIN
S1
V+
V-
RL
50
A2
VO
D
Rg = 50 
Insertion Loss = 20 log
VOUT
A1
VIN
A0
VS
S1
V+
GND
V-
EN
V-
V+
f = 1 MHz
S1
D
EN
GND
V+
V-
Meter
HP4192A
Impedance
Analyzer
or Equivalent
S8
A1
A2
A0
Channel
Select
V-
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com