Electronic Components Datasheet Search
  English  ▼

X  

DG409LE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG409LE
Description  17 Ω, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LE Datasheet(HTML) 3 Page - Vishay Siliconix

  DG409LE Datasheet HTML 1Page - Vishay Siliconix DG409LE Datasheet HTML 2Page - Vishay Siliconix DG409LE Datasheet HTML 3Page - Vishay Siliconix DG409LE Datasheet HTML 4Page - Vishay Siliconix DG409LE Datasheet HTML 5Page - Vishay Siliconix DG409LE Datasheet HTML 6Page - Vishay Siliconix DG409LE Datasheet HTML 7Page - Vishay Siliconix DG409LE Datasheet HTML 8Page - Vishay Siliconix DG409LE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DG408LE, DG409LE
www.vishay.com
Vishay Siliconix
S16-0389-Rev.A, 07-Mar-16
3
Document Number: 78084
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Signals on SX, DX, AX, or EN exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads soldered or welded to PC board.
c. Derate 8 mW/°C above 75 °C.
d. Derate 17.3 mW/°C above 70 °C
e. Also applies when V- = GND
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
LIMIT
UNIT
V+ to V- e
18
V
GND to V-
-18
Digital Inputs a, VS, VD
(V-) - 0.3 to (V) + 0.3
Current (any terminal)
30
mA
Peak Current, S or D (pulsed at 1 ms, 10 % duty cycle max.)
100
Storage Temperature
(D suffix)
-65 to +125
°C
Power Dissipation (package) b
16-pin plastic TSSOP c
600
mW
16-pin narrow SOIC c
600
16-pin miniQFN d
1385
ESD Human Body Model (HBM); per ANSI / ESDA / JEDEC® JS-001
2500
V
Latch Up Current, per JESD78D
300
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com