Electronic Components Datasheet Search
  English  ▼

X  

3213136 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 3213136
Description  Bolt connection terminal block - RBO 8 BU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3213136 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 3213136 Datasheet HTML 6Page - PHOENIX CONTACT 3213136 Datasheet HTML 7Page - PHOENIX CONTACT 3213136 Datasheet HTML 8Page - PHOENIX CONTACT 3213136 Datasheet HTML 9Page - PHOENIX CONTACT 3213136 Datasheet HTML 10Page - PHOENIX CONTACT 3213136 Datasheet HTML 11Page - PHOENIX CONTACT 3213136 Datasheet HTML 12Page - PHOENIX CONTACT 3213136 Datasheet HTML 13Page - PHOENIX CONTACT 3213136 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3213136
09/12/2020   Page 10 / 15
Bolt connection terminal block - RBO 8 BU - 3213136
Accessories
DIN rail, unperforated - NS 35/15 AL UNPERF 2000MM - 1201756
DIN rail, unperforated, Standard profile, width: 35 mm, height: 15 mm, similar to EN 60715, material: Aluminum,
uncoated, length: 2000 mm, color: silver
 
 
DIN rail perforated - NS 35/15 ZN PERF 2000MM - 1206599
DIN rail perforated, Standard profile, width: 35 mm, height: 15 mm, similar to EN 60715, material: Steel, galvanized,
length: 2000 mm, color: silver
 
 
DIN rail, unperforated - NS 35/15 ZN UNPERF 2000MM - 1206586
DIN rail, unperforated, Standard profile, width: 35 mm, height: 15 mm, similar to EN 60715, material: Steel,
galvanized, length: 2000 mm, color: silver
 
 
DIN rail, unperforated - NS 35/15 CU UNPERF 2000MM - 1201895
DIN rail, unperforated, Standard profile, width: 35 mm, height: 15 mm, similar to EN 60715, material: Copper,
uncoated, length: 2000 mm, color: copper-colored
 
 
End cap - NS 35/15 CAP - 1206573
DIN rail end piece, for DIN rail NS 35/15
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com