Electronic Components Datasheet Search
  English  ▼

X  

3213136 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 3213136
Description  Bolt connection terminal block - RBO 8 BU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3213136 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 3213136 Datasheet HTML 7Page - PHOENIX CONTACT 3213136 Datasheet HTML 8Page - PHOENIX CONTACT 3213136 Datasheet HTML 9Page - PHOENIX CONTACT 3213136 Datasheet HTML 10Page - PHOENIX CONTACT 3213136 Datasheet HTML 11Page - PHOENIX CONTACT 3213136 Datasheet HTML 12Page - PHOENIX CONTACT 3213136 Datasheet HTML 13Page - PHOENIX CONTACT 3213136 Datasheet HTML 14Page - PHOENIX CONTACT 3213136 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3213136
09/12/2020   Page 14 / 15
Bolt connection terminal block - RBO 8 BU - 3213136
Accessories
Software - CLIP-PROJECT ADVANCED - 5146040
Multilingual software for convenient configuration of Phoenix Contact products on standard DIN rails.
 
 
Software - CLIP-PROJECT PROFESSIONAL - 5146053
Multilingual software for terminal strip configuration. A marking module enables the professional marking of markers
and labels for identifying terminal blocks, conductors and cables, and devices.
 
 
Socket spanner
Tool - SHN 13 - 1209923
Socket wrench, wrench size 13 mm
 
 
Terminal marking
Zack marker strip - ZB 10:UNBEDRUCKT - 1053001
Zack marker strip, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER, mounting type:
snap into tall marker groove, for terminal block width: 10.2 mm, lettering field size: 10.5 x 10.15 mm, Number of
individual labels: 10
 
 
Marker for terminal blocks - UC-TM 10 - 0818069
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK ID COLOR, BLUEMARK ID,
BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER, mounting type: snap into tall marker groove, for terminal block
width: 10.2 mm, lettering field size: 9.6 x 10.5 mm, Number of individual labels: 48
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com