Electronic Components Datasheet Search
  English  ▼

X  

FUSB15201 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FUSB15201
Description  Dual Port USB Type-C & PD Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB15201 Datasheet(HTML) 2 Page - ON Semiconductor

  FUSB15201 Datasheet HTML 1Page - ON Semiconductor FUSB15201 Datasheet HTML 2Page - ON Semiconductor FUSB15201 Datasheet HTML 3Page - ON Semiconductor FUSB15201 Datasheet HTML 4Page - ON Semiconductor FUSB15201 Datasheet HTML 5Page - ON Semiconductor FUSB15201 Datasheet HTML 6Page - ON Semiconductor FUSB15201 Datasheet HTML 7Page - ON Semiconductor FUSB15201 Datasheet HTML 8Page - ON Semiconductor FUSB15201 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
FUSB15201
www.onsemi.com
2
Features
• Arm Cortex−M0+: A 32−bit core with flexible clocking
up to 24 MHz
• Memories: A total of 132 kB of flash is available to store
program code. 6 kB of SRAM program memory.
• USB Type−C and PD: Integrated USB PD PHY and
Type−C termination/comparators supporting latest
USB−IF specification.
• Integrated VCONN Switch: Provides the full 1.5 W
power to interrogate cable eMarkers and power active
cables.
• BC1.2 Support: Fully programmable USB BC1.2
interface is capable of presenting as CDP, DCP or SDP.
• High Voltage Protection: Robust USB−C connector
interface with 28 V DC tolerant VBUS, CC and
20 V DC D+/−
• ADC: Multi−channel 10−bit ADC for accurate
monitoring of VBUS, external temperature and voltages.
• I2C: Serial communication port capable of acting as a
host or device allowing control of external system
peripherals by FUSB15201.
• GPIOs: Fully programmable I/Os with internal
terminations. Configurable as input or output (CMOS or
open−drain).
• Programmable
VBUS
discharge:
Internal
programmable resistors capable of discharging up to
100
mF
• Multiple Timers: Four independent 32−bit timers are
available: 2 General Purpose, 1 Watchdog, and 1
Wake−up / General Purpose
• External NTC: Integrated current sources are used in
conjunction with the ADC to monitor a variety of NTC
resistors.
• Low Power Operation Modes: Programmable sleep
modes allowing device to minimize power usage as
needed. Automatic USB−C detection and wake−up
functionality from sleep modes.
• Automotive Ready: Grade 2 temperature range
performance and AECQ−100 Qualified. QFN package
with 0.5 mm pitch and wettable flank.
FUSB15201 INTERNAL BLOCK DIAGRAM
Figure 1. FUSB15201 Block Diagram
FUSB15201 − Dual Port PD Controller
Type−C Port A
USB PD PHY
ARM Cortex M0+
Flash
(132KB)
VCONN FET w/ OCP
I2C
Power Management
Internal Regulators
Reset
AHB
Peripheral Bus
RAM
(6KB)
Interrupts
2x Timers, WDT, WUT
GPIOs
Serial Wire Debug
Type−C Port B
USB PD PHY
VCONN FET w/ OCP
BC1.2 Emulation
2x NTC Resistor Monitoring
BC1.2 Emulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com