Electronic Components Datasheet Search
  English  ▼

X  

FUSB15201 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FUSB15201
Description  Dual Port USB Type-C & PD Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB15201 Datasheet(HTML) 3 Page - ON Semiconductor

  FUSB15201 Datasheet HTML 1Page - ON Semiconductor FUSB15201 Datasheet HTML 2Page - ON Semiconductor FUSB15201 Datasheet HTML 3Page - ON Semiconductor FUSB15201 Datasheet HTML 4Page - ON Semiconductor FUSB15201 Datasheet HTML 5Page - ON Semiconductor FUSB15201 Datasheet HTML 6Page - ON Semiconductor FUSB15201 Datasheet HTML 7Page - ON Semiconductor FUSB15201 Datasheet HTML 8Page - ON Semiconductor FUSB15201 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
FUSB15201
www.onsemi.com
3
1
2
3
4
5
6
18
17
16
15
14
13
HVCC1_B
HVCC2_B
HVCC1_A
HVCC2_A
VBUS_A
VBUS_B
HVDP_A
HVDM_A
HVDP_B
HVDM_B
VDD
GND
VDD
Figure 2. Pin Diagram
Table 1. FUNCTION DESCRIPTION
Pin #
Name
Port
Description
1
VBUS_A
Analog
Port A VBUS. Monitoring Discharge (28 V)
2
HVCC2_A
Analog
Port A High Voltage Configuration Channel 2 (28 V)
3
VDD
Power
Power Supply
4
HVCC1_A
Analog
Port A High Voltage Configuration Channel 1 (28 V)
5
HVDP_A
Analog
Port A High Voltage USB 2.0 D+ (20 V)
6
HVDM_A
Analog
Port A High Voltage USB 2.0 D− (20 V)
7
GPIO1/SWCK
PA1
General Purpose I/O/ Serial Wire Debug Port Clock
8
GPIO2/SWD
PA2
General Purpose I/O/ Serial Wire Debug Port Data
9
GPIO3
PA3
General Purpose I/O
10
GND
Ground
Ground
11
VDDIO
Power
I/O Power Supply
12
RESET_N
Input
Reset
13
HVDM_B
Analog
Port B High Voltage USB 2.0 D− (20 V)
14
HVDP_B
Analog
Port B Hight Voltage USB 2.0 D+ (20 V)
15
HVCC1_B
Analog
Port B High Voltage Configuration Channel 1 (28 V)
16
VDD
Power
Power Supply
17
HVCC2_B
Analog
Port B High Voltage Configuration Channel 2 (28 V)
18
VBUS_B
Analog
Port B VBUS. Monitoring Discharge (28 V)
19
NTC_B/GPIO4
PA4
Port B External NTC sense Pin / General Purpose I/O
20
I2C_INT1/GPIO5
PA5
I2C Port Interrupt / General Purpose I/O
21
I2C_SDA1/GPIO6
PA6
I2C Port Data / General Purpose I/O
22
I2C_SCL1/GPIO7
PA7
I2C Port Clock / General Purpose I/O
23
CAP
Analog
1.5V capacitor
24
NTC_A/GPIO8
PA8
Port A External NTC sense Pin / General Purpose I/O
DAP
GND
Ground
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com