Electronic Components Datasheet Search
  English  ▼

X  

FUSB3317 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FUSB3317
Description  Automotive USB Power Delivery Source Controller for USB-C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3317 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FUSB3317 Datasheet HTML 2Page - ON Semiconductor FUSB3317 Datasheet HTML 3Page - ON Semiconductor FUSB3317 Datasheet HTML 4Page - ON Semiconductor FUSB3317 Datasheet HTML 5Page - ON Semiconductor FUSB3317 Datasheet HTML 6Page - ON Semiconductor FUSB3317 Datasheet HTML 7Page - ON Semiconductor FUSB3317 Datasheet HTML 8Page - ON Semiconductor FUSB3317 Datasheet HTML 9Page - ON Semiconductor FUSB3317 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FUSB3317
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS
For typical values, VVVBAT = 12 V and TA = 25°C. For min/max values, VVVBAT = 5.5 V to 36 V and TJ = −40°C to 125°C; unless otherwise
noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
VBAT Input Supply Section
Turn−On Threshold Voltage
VVBAT rising
VBAT−ON
3.7
4.2
4.7
V
Turn−Off Threshold Voltage
VVBAT falling
VBAT−OFF
3.4
3.9
4.4
V
Operating Supply Current at 5.5 V
VVBAT = 5.5 V, VCS=15 mV,
Rcs = 5 mW
IBAT−OP−5.5V
2.5
mA
Operating Supply Current at 36 V
VVBAT = 36 V, VCS=15 mV,
Rcs = 5 mW
IBAT−OP−36V
4
mA
Standby Power Operating Supply Current
VVBAT = 12 V, VIS+ = VIS− = 0 V
IQ
100
mA
VBAT Under Voltage Protection (UVP) Section
VBAT Under Voltage Threshold
BATUV pin is floating
VBAT−UVP
3.8
5.9
V
BATUV Pin Voltage Threshold to Trigger
Battery UVP
BATUV pin with resistor divider to
VBAT pin
VBAT−TH
0.56
0.6
0.64
V
UVP Detection Debounce Timing (Note 8)
VVBAT falling
tVBATUV−DEB
0
2
ms
VDD Output Supply Section
VDD Output Voltage
VVBAT range 5.5 to 36 V
VDD
4.5
5.0
5.5
V
VDD Source Current
VVBAT = 12 V, current when
VDD = 4.5 V
IDD
10
mA
VBUS Under Voltage Protection (UVP) Section
Ratio VVBUS Under−Voltage−Protection
(UVP) to VCC
VVBUS falling
VBUS−UVP−65
61
65
69
%
Turn−Off Threshold Voltage
VVBUS falling in a PPS contract
VBUS−UVP−PPS
2.805
2.97
3.135
V
UVP Debounce Time
VVBUS falling
tD−VBUS−UVP
45
60
75
ms
UVP Blanking Time
Whenever a voltage change occurs
from lower VVBUS to a higher VVBUS
tBNK−UVP
160
200
240
ms
VBUS Over Voltage Protection (OVP) Section
VBUS Over Voltage Protection Threshold
VBUS rising
VBUS−OVP−120
116
120
127
%
VBUS OVP Debounce Time
VBUS rising
tD−VBUS−OVP
35
75
115
ms
VBUS OVP Blanking Time (Note 5)
During VBUS voltage transition of
voltage step v 0.5V,
final VVBUS w 13V
tBNK−OVP−11
5.5
7
8.5
ms
VBUS OVP Blanking Time (Note 5)
During VBUS voltage transition of
voltage step v 0.5V,
final VVBUS < 13V
tBNK−OVP−10
51
55
60
ms
VBUS OVP Blanking Time (Note 5)
During VBUS voltage transition of
voltage step > 0.5V,
final VVBUS w 13V
tBNK−OVP−01
16.5
19
21.5
ms
VBUS OVP Blanking Time (Note 5)
During VBUS voltage transition of
voltage step > 0.5V,
final VVBUS < 13V
tBNK−OVP−00
205
221
236
ms
Constant Current Limit (CC or CL) Sensing Section
Current−Sense Amplifier Gain
Current sense resistor, Rcs = 5 mW
AV−CCR
40
V/V
Current range when controlling current limit
at IOUT = 1.00 A
PPS constant current limit mode at
1 A
ICS−1.00A
0.85
1.00
1.15
A
Current range when controlling current limit
at IOUT = 2.00 A
PPS constant current limit mode at
2 A
ICS−2.00A
1.85
2.00
2.15
A
Current range when controlling current limit
at IOUT = 3.00 A
PPS constant current limit mode at
3 A
ICS−3.00A
2.85
3.00
3.15
A
Current range when controlling current limit
at IOUT = 4.00 A
PPS constant current limit mode at
4 A
ICS−4.00A
3.80
4.00
4.20
A
Current range when controlling current limit
at IOUT = 5.00 A
PPS constant current limit mode at
5 A
ICS−5.00A
4.75
5.00
5.25
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com