Electronic Components Datasheet Search
  English  ▼

X  

NSS1001CL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSS1001CL
Description  Bipolar Transistor -100 V, -2.5 A, Low VCE(sat) PNP Single LFPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS1001CL Datasheet(HTML) 1 Page - ON Semiconductor

  NSS1001CL Datasheet HTML 1Page - ON Semiconductor NSS1001CL Datasheet HTML 2Page - ON Semiconductor NSS1001CL Datasheet HTML 3Page - ON Semiconductor NSS1001CL Datasheet HTML 4Page - ON Semiconductor NSS1001CL Datasheet HTML 5Page - ON Semiconductor NSS1001CL Datasheet HTML 6Page - ON Semiconductor NSS1001CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2021
February, 2022 − Rev. 0
1
Publication Order Number:
NSS1001CL/D
Bipolar Transistor
-100 V, -2.5 A, Low VCE(sat) PNP
Single LFPAK
NSS1001CL
This device is bipolar junction transistor featuring high current, low
saturation voltage, and high speed switching.
Suitable for automotive applications. AEC−Q101 qualified and
PPAP capable. (NSVS1001CLTWG)
Features
• Complement to NSS1002CL
• Large Current Capacitance
• Low Collector to Emitter Saturation Voltage
• Thin Profile LFPAK8 3.3 x 3.3 Package
• High−Speed Switching
• High Allowable Power Dissipation
• AEC−Q101 Qualified and PPAP Capable (NSVS1001CLTWG)
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
• Load Switch
• Gate Driver Buffer
• DC−DC Converters
Specifications
ABSOLUTE MAXIMUM RATING at Ta = 25°C
Parameter
Symbol
Value
Unit
Collector−to−Base Voltage
VCBO
−120
V
Collector−to−Emitter Voltage
VCEO
−100
V
Emitter−to−Base Voltage
VEBO
−7
V
Collector Current
IC
−2.5
A
Collector Current (Pulse)
ICP
−4
A
Collector Dissipation
PC (Note 1)
0.8
W
PC (Note 2)
2.2
Junction Temperature
TJ
175
°C
Storage Temperature Range
Tstg
−55 to +175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Mounted on FRB with minimum pad of Copper 2 oz
2. Mounted on FRB with 1 in/sq pad of Copper 2 oz
MARKING DIAGRAM
LFPAK8 3.3x3.3, 0.65P
CASE 760AD
ELECTRICAL CONNECTION
NSS1001 = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
NSS
1001G
AWLYW
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.


Similar Part No. - NSS1001CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1002CL ONSEMI-NSS1002CL Datasheet
369Kb / 7P
Bipolar Transistor 100 V, 2.5 A, Low VCE(sat) NPN Single LFPAK
February, 2022 ??Rev. 0
NSS1002CLTWG ONSEMI-NSS1002CLTWG Datasheet
369Kb / 7P
Bipolar Transistor 100 V, 2.5 A, Low VCE(sat) NPN Single LFPAK
February, 2022 ??Rev. 0
More results

Similar Description - NSS1001CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS1C200LT1G ONSEMI-NSS1C200LT1G Datasheet
72Kb / 5P
100 V, 3.0 A, Low VCE(sat) PNP Transistor
March, 2008 - Rev. 0
NSS1C200MZ4 ONSEMI-NSS1C200MZ4 Datasheet
75Kb / 5P
100 V, 2.0 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
NSS1C200MZ4 ONSEMI-NSS1C200MZ4_10 Datasheet
106Kb / 5P
100 V, 2.0 A, Low VCE(sat) PNP Transistor
September, 2010 ??Rev. 2
NSV1C300ET4G ONSEMI-NSV1C300ET4G Datasheet
119Kb / 6P
100 V, 3.0 A, Low VCE(sat) PNP Transistor
August, 2013 ??Rev. 13
2SA1708S-AN ONSEMI-2SA1708S-AN Datasheet
632Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
12A02MH ONSEMI-12A02MH Datasheet
369Kb / 6P
Bipolar Transistor ??2V, ??A, Low VCE(sat) PNP Single MCPH3
August, 2013
NSS1C300ET4G ONSEMI-NSS1C300ET4G_15 Datasheet
82Kb / 6P
100 V, 3.0 A, Low VCE(sat) PNP Transistor
June, 2015 ??Rev. 7
NSS1002CL ONSEMI-NSS1002CL Datasheet
369Kb / 7P
Bipolar Transistor 100 V, 2.5 A, Low VCE(sat) NPN Single LFPAK
February, 2022 ??Rev. 0
NSVS50030SB3 ONSEMI-NSVS50030SB3 Datasheet
169Kb / 7P
Bipolar Transistor (-)50 V, (-)3 A, Low VCE(sat), (PNP)NPN Single
December, 2018 ??Rev. 1
NSV1C300CT ONSEMI-NSV1C300CT Datasheet
292Kb / 7P
Bipolar Power Transistors 100 V, 3.0 A, Low VCE(sat) PNP Transistor
February, 2021 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com