Electronic Components Datasheet Search
  English  ▼

X  

NSS1001CL Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSS1001CL
Description  Bipolar Transistor -100 V, -2.5 A, Low VCE(sat) PNP Single LFPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS1001CL Datasheet(HTML) 2 Page - ON Semiconductor

  NSS1001CL Datasheet HTML 1Page - ON Semiconductor NSS1001CL Datasheet HTML 2Page - ON Semiconductor NSS1001CL Datasheet HTML 3Page - ON Semiconductor NSS1001CL Datasheet HTML 4Page - ON Semiconductor NSS1001CL Datasheet HTML 5Page - ON Semiconductor NSS1001CL Datasheet HTML 6Page - ON Semiconductor NSS1001CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NSS1001CL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS at Ta = 25°C
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Collector Cutoff Current
ICBO
VCB = −120 V
IE = 0 A
−0.1
mA
Emitter Cutoff Current
IEBO
VEB = −7 V
IC = 0 A
−0.1
mA
DC Current Gain
hFE
VCE = −5 V
IC = −100 mA
140
400
Gain−Bandwidth Product
fT
VCE = −10 V
IC = −100 mA
200
MHz
Output Capacitance
Cob
VCB = −10 V
f = 1 MHz
24
pF
Collector−to−Emitter Saturation Voltage
VCE(sat)1
IC = −100 mA
IB = −10 mA
−0.025
−0.05
V
VCE(sat)2
IC = −1 A
IB = −100 mA
−0.08
−0.16
V
VCE(sat)3
IC = −2.5 A
IB = −250 mA
−0.3
−0.6
V
Base−to−Emitter Saturation Voltage
VBE(sat)
IC = −1 A
IB = −100 mA
−0.85
−1.2
V
Collector−to−Base Breakdown Voltage
V(BR)CBO
IC = −10 mA, IE = 0 A
−120
V
Collector−to−Emitter Breakdown Voltage
V(BR)CEO
IC = −1 mA, RBE = ∞
−100
V
Emitter−to−Base Breakdown Voltage
V(BR)EBO
IE = −10 mA, IC = 0 A
−7
V
Turn−On Time
ton
See Figure 1
24
ns
Storage Time
tstg
440
ns
Fall Time
tf
20
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Figure 1. Switching Time Test Circuit
IC=10|B1=−10|B2=−1A
RB
100
ESD RATING
Parameter
Symbol
Value
Unit
Class
Electrostatic Discharge − Human Body Model
HBM
>2000, <4000
V
2
Electrostatic Discharge − Machine Model
MM
>400
V
M4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com