Electronic Components Datasheet Search
  English  ▼

X  

GV2LE20 Datasheet(PDF) 4 Page - Schneider Electric

Part # GV2LE20
Description  TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 18 A, screw clamp terminals
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2LE20 Datasheet(HTML) 4 Page - Schneider Electric

  GV2LE20 Datasheet HTML 1Page - Schneider Electric GV2LE20 Datasheet HTML 2Page - Schneider Electric GV2LE20 Datasheet HTML 3Page - Schneider Electric GV2LE20 Datasheet HTML 4Page - Schneider Electric GV2LE20 Datasheet HTML 5Page - Schneider Electric GV2LE20 Datasheet HTML 6Page - Schneider Electric GV2LE20 Datasheet HTML 7Page - Schneider Electric GV2LE20 Datasheet HTML 8Page - Schneider Electric GV2LE20 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Product data sheet
Performance Curves
GV2LE20
Tripping Curves for GV2L or LE Combined with Thermal Overload Relay LRD or LR2K
Average Operating Times at 20 °C Related to Multiples of the Setting Current
1
3 poles from cold state
2
2 poles from cold state
3
3 poles from hot state
Current Limitation on Short-Circuit for GV2L and GV2LE Only (3-Phase 400/415 V)
Dynamic Stress
I peak = f (prospective Isc) at 1.05 Ue = 435 V
4
May 12, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com