Electronic Components Datasheet Search
  English  ▼

X  

GV2LE20 Datasheet(PDF) 1 Page - Schneider Electric

Part # GV2LE20
Description  TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 18 A, screw clamp terminals
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2LE20 Datasheet(HTML) 1 Page - Schneider Electric

  GV2LE20 Datasheet HTML 1Page - Schneider Electric GV2LE20 Datasheet HTML 2Page - Schneider Electric GV2LE20 Datasheet HTML 3Page - Schneider Electric GV2LE20 Datasheet HTML 4Page - Schneider Electric GV2LE20 Datasheet HTML 5Page - Schneider Electric GV2LE20 Datasheet HTML 6Page - Schneider Electric GV2LE20 Datasheet HTML 7Page - Schneider Electric GV2LE20 Datasheet HTML 8Page - Schneider Electric GV2LE20 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Product data sheet
Specifications
TeSys GV2 Manual Starter and
Protector, magnetic circuit protector,
toggle switch, 18 A, screw clamp
terminals
GV2LE20
Product availability : Stock - Normally stocked in distribution
facility
Price* : 366.00 USD
Main
Range of Product
TeSys GV2
Range
TeSys
Device short name
GV2LE
Product name
TeSys GV2
Product or Component Type
Circuit breaker
Device Application
Motor
Trip unit technology
Magnetic
Complementary
Poles description
3P
Network type
AC
Utilisation category
Category A IEC 60947-2
AC-3 IEC 60947-4-1
Network frequency
50/60 Hz IEC 60947-2
Fixing mode
35 mm symmetrical DIN rail clipped
Panel screwed with adaptor plate)
Operating position
Any position
Motor power kW
7.5 kW 400/415 V AC 50/60 Hz
9 kW 500 V AC 50/60 Hz
15 kW 690 V AC 50/60 Hz
Breaking capacity
100 kA Icu 230/240 V AC 50/60 Hz IEC 60947-2
3 kA Icu 690 V AC 50/60 Hz IEC 60947-2
15 kA Icu 400/415 V AC 50/60 Hz IEC 60947-2
8 kA Icu 440 V AC 50/60 Hz IEC 60947-2
6 kA Icu 500 V AC 50/60 Hz IEC 60947-2
[Ics] rated service short-circuit
breaking capacity
100 % 230/240 V AC 50/60 Hz IEC 60947-2
75 % 500 V AC 50/60 Hz IEC 60947-2
50 % 400/415 V AC 50/60 Hz IEC 60947-2
75 % 690 V AC 50/60 Hz IEC 60947-2
50 % 440 V AC 50/60 Hz IEC 60947-2
Control Type
Toggle
Line Rated Current
18 A
Magnetic tripping current
223 A
[Ue] rated operational voltage
690 V AC 50/60 Hz IEC 60947-2
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 12, 2022
1


Similar Part No. - GV2LE20

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GV2LE22 SCHNEIDER-GV2LE22 Datasheet
280Kb / 11P
TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 25 A, screw clamp terminals
May 12, 2022
More results

Similar Description - GV2LE20

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GV2LE03 SCHNEIDER-GV2LE03 Datasheet
215Kb / 11P
TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 0.4 A, screw clamp terminals
May 12, 2022
GV2LE04 SCHNEIDER-GV2LE04 Datasheet
280Kb / 11P
TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 0.63 A, screw clamp terminals
May 12, 2022
GV2LE05 SCHNEIDER-GV2LE05 Datasheet
280Kb / 11P
TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 1 A, screw clamp terminals
May 12, 2022
GV2LE06 SCHNEIDER-GV2LE06 Datasheet
280Kb / 11P
TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 1.6 A, screw clamp terminals
May 12, 2022
GV2LE07 SCHNEIDER-GV2LE07 Datasheet
280Kb / 11P
TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 2.5 A, screw clamp terminals
May 12, 2022
GV2LE08 SCHNEIDER-GV2LE08 Datasheet
280Kb / 11P
TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 4 A, screw clamp terminals
May 12, 2022
GV2LE10 SCHNEIDER-GV2LE10 Datasheet
280Kb / 11P
TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 6.3 A, screw clamp terminals
May 12, 2022
GV2LE14 SCHNEIDER-GV2LE14 Datasheet
215Kb / 11P
TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 10 A, screw clamp terminals
May 12, 2022
GV2LE22 SCHNEIDER-GV2LE22 Datasheet
280Kb / 11P
TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 25 A, screw clamp terminals
May 12, 2022
GV2LE32 SCHNEIDER-GV2LE32 Datasheet
280Kb / 11P
TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 32 A, screw clamp terminals
May 12, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com