Electronic Components Datasheet Search
  English  ▼

X  

23016 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 23016
Description  D-SUB Filteradapter Set Low Pass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

23016 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  23016 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 23016 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.we-online.com
SIZE:
D-SUB Filteradapter
TECHNICAL DATA:
9-/15-/25-/37-pole
C = 1000 pF
UNC-4-40
Low Pass Filter
Order Code 23016
Version 2.0
DESIGN KIT
D-SUB Filteradapter Set
Low Pass Filter


Similar Part No. - 23016

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
23016 ARIES-23016 Datasheet
2Mb / 2P
CSP/Hybrid Socket
logo
RUKO GmbH Präzisionswe...
230160 RUKO-230160 Datasheet
159Kb / 1P
Hand taps M DIN 352 HSS, HSS-left-handed thread and HSSE-Co 5 ground
230160E RUKO-230160E Datasheet
159Kb / 1P
Hand taps M DIN 352 HSS, HSS-left-handed thread and HSSE-Co 5 ground
230160LI RUKO-230160LI Datasheet
159Kb / 1P
Hand taps M DIN 352 HSS, HSS-left-handed thread and HSSE-Co 5 ground
logo
Huber+Suhner, Inc.
23016774 HUBERSUHNER-23016774 Datasheet
1Mb / 2P
COAXIAL CONNECTOR, 7/16, 50 Ohm, Right angle cable plug (male)
More results

Similar Description - 23016

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com