Electronic Components Datasheet Search
  English  ▼

X  

23016 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 23016
Description  D-SUB Filteradapter Set Low Pass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

23016 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  23016 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 23016 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Important information: Würth Elektronik’s design kits contain reference components. These components correspond with
the current product development status on the day of supply. Exchange of the reference components to components with
up-to-date product development status is not carried out automatically. No liability is taken for the use of these reference
components. Therefore, please request new samples prior to releases for series production and product release.
Please check datasheets on www.we-online.com for specifications.
Würth Elektronik eiSos GmbH & Co. KG, EMC & Inductive Solutions. © 2019
www.we-online.com
D-SUB Filteradapter Set
Low Pass Filter
All products
ex stock!
Würth Elektronik D-SUB Filter Technology, C-Filter 1000 pF
Frequency (MHz)
0
-10
10
1
100
1000
-20
-30
-40
-50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com