Electronic Components Datasheet Search
  English  ▼

X  

PTC305C21 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PTC305C21
Description  PTC Thermistors Motor Start Packages
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTC305C21 Datasheet(HTML) 4 Page - Vishay Siliconix

  PTC305C21 Datasheet HTML 1Page - Vishay Siliconix PTC305C21 Datasheet HTML 2Page - Vishay Siliconix PTC305C21 Datasheet HTML 3Page - Vishay Siliconix PTC305C21 Datasheet HTML 4Page - Vishay Siliconix PTC305C21 Datasheet HTML 5Page - Vishay Siliconix PTC305C21 Datasheet HTML 6Page - Vishay Siliconix PTC305C21 Datasheet HTML 7Page - Vishay Siliconix PTC305C21 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PTC305C Series
www.vishay.com
Vishay Cera-Mite
Revision: 11-Sep-15
4
Document Number: 23086
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EFFECT OF PTC RESISTANCE ON STARTING TORQUE OF PSC MOTORS
Table 2
A. Rated torque is the torque at full speed rated load.
It is calculated as:
The range shown includes both normal slip and high
efficiency low slip motors. Starting torque varies as:
(Line Voltage)2
B. Figure T-4 shows effect of using PTC to increase starting
torque. For reciprocating compressors, it is advised to
choose a resistance value that gives at least 50 % rated
torque at locked rotor. Scroll and rotary compressors
may require less torque.
TYPICAL PTC CURRENT VS. TIME SHOWING DEFINITION OF RDYN AND SWITCH TIME (t)
Fig T-7
START CAPACITOR REPLACEMENT
Capacitor Starting Comparison
Some PSC motors have historically been started with a
capacitor and relay. To deliver the same starting current as
a start capacitor, a PTC resistance is available for
approximately equal ohms. Table 3 can be used for
conversion.
Even though the start current may be the same, the start
torques may differ depending on the motor design.The PTC
has a fixed time built in. The start capacitor will stay in the
circuit until a relay switches it out. The longer time provided
by the capacitor and relay may be needed on applications
where equalization is not present or adequate reset time is
not available.
STARTING CURRENT APPROXIMATION BASED
ON
Table 3
MOTOR HP
(TABLE 4)
(NOTE 7)
LOCKED ROTOR TORQUE WITH
RUN CAP ONLY % RATED TORQUE
(SEE A)
STARTING TORQUE WITH RUN CAP AND PTC (% RATED TORQUE) (SEE B)
RESISTANCE (RDYN)
50
25
20
12.5
10
0.5
25 % to 35 %
70 % to 100 %
80 % to 100 %
NA
NA
NA
1
25 % to 35 %
50 % to 70 %
70 % to 100 %
NA
NA
NA
2
20 % to 30 %
40 % to 60 %
60 % to 90 %
70 % to 100 %
70 % to 100 %
80 % to 100 %
3.5
20 % to 30 %
NA
40 % to 60 %
50 % to 85 %
60 % to 90 %
70 % to 100 %
5
15 % to 25 %
NA
NA
40 % to 60 %
50 % to 75 %
60 % to 90 %
6.5
15 % to 25 %
NA
NA
NA
40 % to 70 %
50 % to 80 %
Torque lb - ft
 = HP x 5250
RPM
----------------------------
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
230 V
RMS
I
PTC max.
R
DYN =
Peak
Current
20 % Peak
Current
Time to Switch (s)
Motor
Contactor
Closes
PTC Switchout
Switch Time (t)
OSCILLOSCOPE
SHUNT
I
PTC
E
RMS
PTC
M = PTC mass (g)
T0 = PTC temp at time 0
K = 0.75 J/g/°C
Time (t)
 KM (130 °C - T
0)
RDYN
V
2
PTC
START CAPACITOR
PTC VALUE
50 μF
50
75 μF
37.5
100 μF
25
125 μF
20
200 μF
12.5
250 μF
10
X
C =
1
2
fC
-------------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com