Electronic Components Datasheet Search
  English  ▼

X  

PTC305C21 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTC305C21
Description  PTC Thermistors Motor Start Packages
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTC305C21 Datasheet(HTML) 1 Page - Vishay Siliconix

  PTC305C21 Datasheet HTML 1Page - Vishay Siliconix PTC305C21 Datasheet HTML 2Page - Vishay Siliconix PTC305C21 Datasheet HTML 3Page - Vishay Siliconix PTC305C21 Datasheet HTML 4Page - Vishay Siliconix PTC305C21 Datasheet HTML 5Page - Vishay Siliconix PTC305C21 Datasheet HTML 6Page - Vishay Siliconix PTC305C21 Datasheet HTML 7Page - Vishay Siliconix PTC305C21 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PTC305C Series
www.vishay.com
Vishay Cera-Mite
Revision: 11-Sep-15
1
Document Number: 23086
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PTC Thermistors Motor Start Packages
FEATURES
• Large diameter ceramic pellets for high starting
current
• Various package sizes for optimum inrush
current and switching time
• Rugged mechanical construction for reliable long life
operation
• UL approved packages
• Plastic case mold UL 94 V-0 approved
• Adapted accessories for easy mounting
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Single phase motor start assist in
- Refrigerator systems
- Air-conditioning systems
- Heat-pumps
- Small compressors
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
15 to 75
Tolerance on resistance value
± 30
%
Maximum current ratings
6 to 36
ARMS
Switching temperature
110 to 120
°C
Switching times (typical)
0.25 to 1.0
s
Maximum voltage rating
410, 500
VRMS
Operating temperature range
-10 to +80
°C
Storage temperature range
-25 to +105
°C
PTC MOTOR START SELECTION CHART
VISHAY CERA-MITE
PART NUMBER
CASE
STYLE
RDYN ()
± 20 %
R25 ()
± 30 %
SWITCH
TIME
t (s) at 230 V
CURRENT
RATING
(ARMS)
MAX.
VOLTAGE
RATING
(VRMS)
COMPRESSOR
RANGE
(BTU 000)
COMPRESSOR
RANGE
(HP)
PTC305C20
C
25
35
0.25
10
410
10 to 28
0.75 to 2.0
PTC305C21
C
35
50
0.35
8
410
8 to 18
0.5 to 1.5
PTC305C22
C
50
75
0.50
6
410
5 to 12
0.25 to 1.0
PTC305C19
B
20
30
0.50
18
500
20 to 50
1.5 to 4.0
PTC305C12
B
25
40
0.60
15
500
18 to 42
1.5 to 3.5
PTC305C2
B
50
85
1.00
12
500
10 to 25
1.0 to 2.5
PTC305C9
A
10
15
0.50
36
500
28 to 68
3.0 to 7.0
PTC305C11
A
12.5
20
0.60
30
500
28 to 62
3.0 to 6.0
PTC305C1
A
25
42.5
1.00
24
500
14 to 36
1.5 to 3.5
PTC MOTOR START ACCESSORY SELECTION CHART
ACCESSORY
PART NUMBER
DESCRIPTION
PTCAUX36-520M
Round mounting bracket for case style C
PTCAUX36-520H
Round mounting bracket for case style A and B
PTCAUX7-36-5C
U-shaped mounting bracket for case style B
PTCAUX7-36-4C
U-shaped mounting bracket for case style A
PTCAUX50-1278
Jumper wire for case style A


Similar Part No. - PTC305C21

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTC305C21 VISHAY-PTC305C21 Datasheet
169Kb / 8P
Thermistors Motor Start Packages
11-Sep-15
More results

Similar Description - PTC305C21

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
305C21 VISHAY-305C21 Datasheet
177Kb / 6P
PTCR Motor Start Packages PSC Single Phase Motor Start Assist
14-May-02
logo
EPCOS
B59506A0120A020 EPCOS-B59506A0120A020_09 Datasheet
195Kb / 9P
PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020 Datasheet
191Kb / 8P
PTC thermistors for motor starting
B59506A0120A020 EPCOS-B59506A0120A020_12 Datasheet
58Kb / 9P
PTC thermistors for motor starting
B59536A0135A020 EPCOS-B59536A0135A020_12 Datasheet
185Kb / 8P
PTC thermistors for motor starting
logo
Murata Manufacturing Co...
PTFL04BG222Q2N34B0 MURATA-PTFL04BG222Q2N34B0 Datasheet
210Kb / 3P
PTC Thermistors
PTFL04BG471Q2N34B0 MURATA-PTFL04BG471Q2N34B0 Datasheet
210Kb / 3P
PTC Thermistors
logo
Vishay Siliconix
PTC305C VISHAY-PTC305C Datasheet
169Kb / 8P
Thermistors Motor Start Packages
11-Sep-15
PTC307C VISHAY-PTC307C Datasheet
428Kb / 3P
Thermistors Motor Start Pellets
11-Aug-10
PTC307C VISHAY-PTC307C_V01 Datasheet
84Kb / 3P
PTC Thermistors Motor Start Pellets
15-Jun-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com