Electronic Components Datasheet Search
  English  ▼

X  

SIC403A/B Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC403A/B
Description  microBUCK® PRODUCT FAMILY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403A/B Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC403A/B Datasheet HTML 1Page - Vishay Siliconix SIC403A/B Datasheet HTML 2Page - Vishay Siliconix SIC403A/B Datasheet HTML 3Page - Vishay Siliconix SIC403A/B Datasheet HTML 4Page - Vishay Siliconix SIC403A/B Datasheet HTML 5Page - Vishay Siliconix SIC403A/B Datasheet HTML 6Page - Vishay Siliconix SIC403A/B Datasheet HTML 7Page - Vishay Siliconix SIC403A/B Datasheet HTML 8Page - Vishay Siliconix SIC403A/B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
microBUCK® PRODUCT FAMILY
SIC401A/B, SIC402A/B, and SIC403A/B
30
40
50
60
70
80
90
100
1
-10
-20
3
5
7
9
11
13
15
I
out (A)
V
in= 12 V, Vout = 3.3 V, 300 kHz
SiC403A/B
6 A
SiC402A/B
10 A
SiC401A/B
15 A
0
10
20
Output Voltage
500 mV/div.
10 ms/div.
Power Good Signal
5 V/div.
10 ms/div.
Input Voltage
5 V/div.
10 ms/div.
LX Switching Node
10 V/div.
10 ms/div.
Output Voltage
500 mV/div.
5 ms/div.
Power Good Signal
5 V/div. 5 ms/div.
Output Current
5 A/div.
5 ms/div.
LX Switching Node
10 V/div. 5 ms/div.
Gate Drive
Control
On-Time
Generator
+
-
Zero Cross
Detector
FB Comparator
Soft Start
Reference
VDD
26
29
AGND
4, 30,
PAD 1
PGOOD
Control and Status
EN/PSV
1
31
2
3
FB
TON
VOUT
Valley1-Limit
Bypass Comparator
A
B
Y
LDO
32 ENL
VIN
VDD
MUX
VDD
DL
27
8
BST
LX
ILIM
PGND
VIN
VIN
VDD
15 to 22
13, 23 to 25,
28, PAD 3
6, 9-11, PAD 2
VDD
5
FBL
7
SS
FUNCTIONAL BLOCK DIAGRAM
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO
SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VMN-PL0427-1210
4/12
PRODUCT OVERVIEW
POWER ICS
ON
AND TEC
1 9 6 2 - 2 0 1 2
VI SH AY I N TE R TE C H N O L OGY, I NC .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com