Electronic Components Datasheet Search
  English  ▼

X  

SIC403A/B Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIC403A/B
Description  microBUCK® PRODUCT FAMILY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403A/B Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIC403A/B Datasheet HTML 3Page - Vishay Siliconix SIC403A/B Datasheet HTML 4Page - Vishay Siliconix SIC403A/B Datasheet HTML 5Page - Vishay Siliconix SIC403A/B Datasheet HTML 6Page - Vishay Siliconix SIC403A/B Datasheet HTML 7Page - Vishay Siliconix SIC403A/B Datasheet HTML 8Page - Vishay Siliconix SIC403A/B Datasheet HTML 9Page - Vishay Siliconix SIC403A/B Datasheet HTML 10Page - Vishay Siliconix SIC403A/B Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
microBUCK® PRODUCT FAMILY
SIC414
SiC414CD efficiency curve
70
75
80
85
90
95
0
1
2
3
4
5
6
7
VIN = 12 V, VOUT = 3.3 V, 300 kHz
Iout (A)
SiC414CD block diagram
BST
VIN
VIN
LX
PGND
ILIM
DL
V5V
Zero Cross
Detector
Valley Limit
23
12, 15, 20, 21,
24 PAD3
13, 14, 16 - 19
V5V
7
5, 8-11, PAD2
V5V
V5V
PGD
EN/PSV
AGND
Control and Status
22
25
Soft Start
Reference
2
On-Line
Generator
Gate
Drive
Control
+
–
1
FB
TON
VOUT
VLDO
27
4
6
LDO
FB Comparator
Bypass Comparator
MUX
A
B
Y
28
VIN
ENL
3, 26,
PAD1
SiC414CD typical application circuit
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO
SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VMN-PL0427-1210
7/12
PRODUCT OVERVIEW
POWER ICS
ON
AND TEC
1 9 6 2 - 2 0 1 2
VI SH AY I N TE R TE C H N O L OGY, I NC .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com