Electronic Components Datasheet Search
  English  ▼

X  

54HC595 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 54HC595
Description  High Speed CMOS Logic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC595 Datasheet(HTML) 5 Page - Silicon Supplies

  54HC595 Datasheet HTML 1Page - Silicon Supplies 54HC595 Datasheet HTML 2Page - Silicon Supplies 54HC595 Datasheet HTML 3Page - Silicon Supplies 54HC595 Datasheet HTML 4Page - Silicon Supplies 54HC595 Datasheet HTML 5Page - Silicon Supplies 54HC595 Datasheet HTML 6Page - Silicon Supplies 54HC595 Datasheet HTML 7Page - Silicon Supplies 54HC595 Datasheet HTML 8Page - Silicon Supplies 54HC595 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
High Speed CMOS Logic – 54HC595
Rev 1.2
22/12/21
DC Electrical Characteristics Continued (Voltages referenced to GND)
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
FULL RANGE
5
UNITS
85°C
2.0V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
6.0V
VIN = VIH or VIL
│IOUT│≤ 20µA
0.1
0.1
0.1
V
AC Electrical Characteristics6
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
2.0V
6.0
4.8
4.0
3.0V
15
10
8
4.5V
30
24
20
Maximum Clock
Frequency
(50% Duty Cycle)
(Figure 1,7)
fmax
6.0V
CL = 50pF,
Input
tr = tf = 6ns
35
28
24
MHz
2.0V
140
175
210
3.0V
100
125
150
4.5V
28
35
42
Maximum Propagation
Delay, SRCLK to QH’
(Figure 1,7)
tPLH, tPHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
24
30
36
ns
2.0V
145
180
220
3.0V
100
125
150
4.5V
29
36
44
Maximum Propagation
Delay, SRCLR to QH’
(Figure 2,7)
tPHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
25
31
38
ns
2.0V
140
175
210
3.0V
100
125
150
4.5V
28
35
42
Maximum Propagation
Delay, RCLK to QA – QH
(Figure 3,7)
tPLH, tPHL
6.0V
CL = 50pF,
Input
tr = tf = 6ns
24
30
36
ns
3.0V
VIN = VIH or VIL
│IOUT│≤ 2.4mA
0.26
0.33
0.40
4.5V
VIN = VIH or VIL
│IOUT│≤ 4.0mA
0.26
0.33
0.40
Maximum Low-Level
Output Voltage
VOL
(QH’)
6.0V
VIN = VCC or GND
│IOUT│≤ 5.2mA
0.26
0.33
0.40
V
Maximum Input
Leakage Current
IIN
6.0V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Maximum
Three-State
Leakage Current
(QA–QH)
IOZ
6.0V
High-Impedance
Output State,
VIN = VIH or VIL,
VOUT=VCC or GND
±0.5
±5.0
±10
µA
Maximum Quiescent
Supply Current
ICC
6.0V
VIN = VCC or
GND, IOUT = 0µA
4
40
160
µA
6. Not production tested in die form, characterized by chip design and tested in package.
Page 5 of 9
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com