Electronic Components Datasheet Search
  English  ▼

X  

54HC595 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54HC595
Description  High Speed CMOS Logic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC595 Datasheet(HTML) 1 Page - Silicon Supplies

  54HC595 Datasheet HTML 1Page - Silicon Supplies 54HC595 Datasheet HTML 2Page - Silicon Supplies 54HC595 Datasheet HTML 3Page - Silicon Supplies 54HC595 Datasheet HTML 4Page - Silicon Supplies 54HC595 Datasheet HTML 5Page - Silicon Supplies 54HC595 Datasheet HTML 6Page - Silicon Supplies 54HC595 Datasheet HTML 7Page - Silicon Supplies 54HC595 Datasheet HTML 8Page - Silicon Supplies 54HC595 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
High Speed CMOS Logic – 54HC595
8-bit shift registers with 3-state output latches in bare die form
Rev 1.2
22/12/21
Output Drive Capability: 15 LSTTL Loads
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
Features:
CMOS High Noise Immunity
Function compatible with 54LS595
Full Military Temperature Range.
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
The 54HC595 is an 8–bit serial-in to parallel-out shift
register which drives an 8–bit D–type latch with 3–state
outputs. Both register and latch have independent
positive triggered clock inputs. All registers capture
data on rising edge and change output on the falling
edge. If both clocks are connected together the input
shift register is always one clock cycle ahead of the
output register. The shift register also features
asynchronous reset. Device inputs are compatible with
standard CMOS outputs; with pull-up resistors, they are
compatible with LSTTL outputs.
Description
Die Dimensions in µm (mils)
1030 (41)
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
1030 x 770
41 x 30
µm
mils
Die Size (Unsawn)
Minimum Bond Pad Size
70 x 70
2.76 x 2.76
µm
mils
Die Thickness
280 (±10)
11.02 (±0.39)
µm
mils
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 280µm(11 Mils) – On request
Top Metal Composition
Al-Si-Cu 2.8 µm
Assembled into Ceramic Package – On request
Back Metal Composition
N/A – Bare Si
Page 1 of 9
www.siliconsupplies.com


Similar Part No. - 54HC595

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54HC595 SS-54HC595 Datasheet
1Mb / 9P
8-bit shif t registers with 3-state output latches in bare die form
54HC595 SS-54HC595 Datasheet
1Mb / 9P
8-bit shif t registers with 3-state output latches in bare die form
Rev 1.2 22/12/21
More results

Similar Description - 54HC595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com