Electronic Components Datasheet Search
  English  ▼

X  

NTCLE305E4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCLE305E4
Description  NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE305E4 Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCLE305E4 Datasheet HTML 1Page - Vishay Siliconix NTCLE305E4 Datasheet HTML 2Page - Vishay Siliconix NTCLE305E4 Datasheet HTML 3Page - Vishay Siliconix NTCLE305E4 Datasheet HTML 4Page - Vishay Siliconix NTCLE305E4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTCLE305E4...SB
www.vishay.com
Vishay BCcomponents
Revision: 24-Jan-2022
2
Document Number: 29076
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
Preferred versions for new designs
(1) Other
R25 and B-values available on request
(2) RoHS exemption 7(c)-I: electrical and electronic components containing lead in a glass or ceramic other than dielectric ceramic in
capacitors, e.g. piezo-electronic devices, or in a glass or ceramic matrix compound
ELECTRICAL DATA AND ORDERING INFORMATION
R25 (1)
(
Ω)
R25-TOL.
(± %)
B25/85 (1)
(K)
B25/85-TOL.
(± %)
SAP MATERIAL AND ORDERING NUMBER
RoHS COMPLIANT WITH EXEMPTION (2)
RoHS COMPLIANT
2060
1.92
3511
1.0
NTCLE305E4202SB
n/a
5000
2.19
3984
0.5
NTCLE305E4502SB
NTCLE305E4502SBA
10 000
2.19
3984
0.5
NTCLE305E4103SB
NTCLE305E4103SBA
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES WITH R25 AT 2060 Ω
SAP PART AND ORDERING NUMBER: NTCLE305E4202SB(A)
TEMPERATURE
(°C)
RESISTANCE
(Ω)
RT/R25
R-TOL.
(± %)
α
(%/K)
T-TOL.
(± °C)
RMIN.
(
Ω)
RMAX.
(
Ω)
-40.0
47 326
22.974
5.27
- 6.03
0.87
44 832
49 820
-35.0
35 203
17.089
4.95
-5.81
0.85
33 461
36 945
-30.0
26 473
12.851
4.64
-5.60
0.83
25 245
27 700
-25.0
20 115
9.7643
4.34
-5.39
0.81
19 241
20 988
-20.0
15 435
7.4925
4.06
-5.20
0.78
14 808
16 061
-15.0
11 954
5.8031
3.78
-5.02
0.75
11 502
12 407
-10.0
9341.4
4.5347
3.52
-4.85
0.73
9012.6
9670.2
-5.0
7361.4
3.5735
3.27
-4.68
0.70
7120.9
7601.8
0.0
5847.7
2.8387
3.02
-4.53
0.67
5671.0
6024.5
5.0
4680.9
2.2723
2.79
-4.38
0.64
4550.5
4811.4
10.0
3774.3
1.8322
2.56
-4.24
0.60
3677.7
3870.9
15.0
3064.4
1.4876
2.34
-4.10
0.57
2992.7
3136.2
20.0
2504.6
1.2158
2.13
-3.97
0.54
2451.3
2557.9
25.0
2060.0
1.0000
1.92
-3.85
0.50
2020.4
2099.6
30.0
1704.5
0.82744
1.86
-3.73
0.50
1672.7
1736.3
35.0
1418.6
0.68864
1.81
-3.62
0.50
1392.9
1444.3
40.0
1186.9
0.57618
1.76
-3.52
0.50
1166.1
1207.8
45.0
997.97
0.48445
1.71
-3.42
0.50
980.90
1015.0
50.0
842.90
0.40917
1.67
-3.33
0.50
828.85
856.95
55.0
714.92
0.34705
1.63
-3.25
0.50
703.29
726.55
60.0
608.74
0.29550
1.59
-3.18
0.50
599.06
618.41
65.0
520.21
0.25253
1.55
-3.11
0.50
512.13
528.30
70.0
446.08
0.21654
1.52
-3.04
0.50
439.29
452.86
75.0
383.73
0.18628
1.49
-2.98
0.50
378.01
389.45
80.0
331.09
0.16072
1.46
-2.92
0.50
326.25
335.93
85.0
286.48
0.13907
1.43
-2.87
0.50
282.37
290.59
90.0
248.55
0.12065
1.57
-2.81
0.56
244.64
252.45
95.0
216.18
0.10494
1.70
-2.77
0.62
212.50
219.87
100.0
188.49
0.091501
1.83
-2.72
0.67
185.04
191.95
105.0
164.73
0.079964
1.96
-2.67
0.73
161.50
167.95
110.0
144.27
0.070036
2.08
-2.63
0.79
141.27
147.28
115.0
126.63
0.061470
2.20
-2.59
0.85
123.84
129.42
120.0
111.36
0.054061
2.32
-2.55
0.91
108.78
113.95
125.0
98.133
0.047637
2.43
-2.51
0.97
95.746
100.52



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com