Electronic Components Datasheet Search
  English  ▼

X  

NTCLE305E4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NTCLE305E4
Description  NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE305E4 Datasheet(HTML) 3 Page - Vishay Siliconix

  NTCLE305E4 Datasheet HTML 1Page - Vishay Siliconix NTCLE305E4 Datasheet HTML 2Page - Vishay Siliconix NTCLE305E4 Datasheet HTML 3Page - Vishay Siliconix NTCLE305E4 Datasheet HTML 4Page - Vishay Siliconix NTCLE305E4 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTCLE305E4...SB
www.vishay.com
Vishay BCcomponents
Revision: 24-Jan-2022
3
Document Number: 29076
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES WITH R25 AT 5 kΩ
SAP PART AND ORDERING NUMBER: NTCLE305E4502SB(A)
TEMPERATURE
(°C)
RESISTANCE
(Ω)
RT/R25
R-TOL.
(± %)
α
(%/K)
T-TOL.
(± °C)
RMIN.
(
Ω)
RMAX.
(
Ω)
-40
167 137
33.427
4.10
-6.63
0.62
160 290
173 984
-35
120 661
24.132
3.91
-6.41
0.61
115 939
125 383
-30
88 066
17.613
3.74
-6.19
0.60
84 775
91 358
-25
64 950
12.990
3.57
-5.99
0.60
62 632
67 268
-20
48 381
9.6761
3.41
-5.79
0.59
46 732
50 029
-15
36 382
7.2765
3.25
-5.61
0.58
35 199
37 565
-10
27 609
5.5218
3.10
-5.43
0.57
26 753
28 465
-5
21 134
4.2268
2.96
-5.26
0.56
20 509
21 759
0
16 312
3.2624
2.82
-5.10
0.55
15 852
16 772
5
12 691
2.5381
2.68
-4.94
0.54
12 350
13 031
10
9948.4
1.9897
2.55
-4.80
0.53
9694.3
10 203
15
7855.6
1.5711
2.43
-4.65
0.52
7664.7
8046.5
20
6246.4
1.2493
2.31
-4.52
0.51
6102.1
6390.6
25
5000.0
1.0000
2.19
-4.39
0.50
4890.3
5109.7
30
4028.0
0.80560
2.13
-4.26
0.50
3942.2
4113.8
35
3264.9
0.65297
2.07
-4.14
0.50
3197.3
3332.5
40
2661.9
0.53239
2.01
-4.03
0.50
2608.4
2715.5
45
2182.6
0.43653
1.96
-3.92
0.50
2139.9
2225.4
50
1799.4
0.35987
1.90
-3.81
0.50
1765.1
1833.6
55
1491.1
0.29823
1.85
-3.71
0.50
1463.5
1518.8
60
1241.9
0.24838
1.80
-3.61
0.50
1219.5
1264.3
65
1039.3
0.20787
1.76
-3.51
0.50
1021.1
1057.6
70
873.83
0.17477
1.71
-3.42
0.50
858.87
888.79
75
737.96
0.14759
1.67
-3.34
0.50
725.65
750.27
80
625.90
0.12518
1.63
-3.25
0.50
615.72
636.08
85
533.05
0.10661
1.59
-3.17
0.50
524.60
541.51
90
455.79
0.091159
1.66
-3.09
0.54
448.21
463.37
95
391.23
0.078246
1.74
-3.02
0.58
384.43
398.03
100
337.06
0.067411
1.81
-2.94
0.62
330.95
343.16
105
291.42
0.058284
1.88
-2.87
0.66
285.93
296.91
110
252.84
0.050568
1.95
-2.81
0.70
247.90
257.78
115
220.09
0.044019
2.02
-2.74
0.74
215.64
224.54
120
192.21
0.038441
2.09
-2.68
0.78
188.19
196.22
125
168.37
0.033675
2.15
-2.62
0.82
164.75
172.00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com