Electronic Components Datasheet Search
  English  ▼

X  

ADR1000 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR1000
Description  Oven-Compensated, Buried Zener, 6.62 V Voltage Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1000 Datasheet(HTML) 4 Page - Analog Devices

  ADR1000 Datasheet HTML 1Page - Analog Devices ADR1000 Datasheet HTML 2Page - Analog Devices ADR1000 Datasheet HTML 3Page - Analog Devices ADR1000 Datasheet HTML 4Page - Analog Devices ADR1000 Datasheet HTML 5Page - Analog Devices ADR1000 Datasheet HTML 6Page - Analog Devices ADR1000 Datasheet HTML 7Page - Analog Devices ADR1000 Datasheet HTML 8Page - Analog Devices ADR1000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet
ADR1000
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. B | 4 of 10
Table 3.
Parameter
Rating
Heater to Substrate (Pin 4)
40 V
Q1 Collector to Emitter
15 V
Q2 Collector to Emitter
28 V
Emitter to Base Reverse Bias (Q1 and Q2)
2 V
Substrate Forward Bias
0.1 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature, Soldering (10 sec)
300°C
Electrostatic Discharge (ESD) Rating
Human Body Model (HBM)
2 kV
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. Close attention to PCB thermal design is required.
Table 4. Thermal Resistance1
Package Type
θJA
θJC
Unit
H-08
1-Layer JEDEC Board
N/A1
N/A1
°C/W
2-Layer JEDEC Board
216
N/A1
°C/W
1 N/A means not applicable.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com