Electronic Components Datasheet Search
  English  ▼

X  

ADR1000 Datasheet(PDF) 3 Page - Analog Devices

Part # ADR1000
Description  Oven-Compensated, Buried Zener, 6.62 V Voltage Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR1000 Datasheet(HTML) 3 Page - Analog Devices

  ADR1000 Datasheet HTML 1Page - Analog Devices ADR1000 Datasheet HTML 2Page - Analog Devices ADR1000 Datasheet HTML 3Page - Analog Devices ADR1000 Datasheet HTML 4Page - Analog Devices ADR1000 Datasheet HTML 5Page - Analog Devices ADR1000 Datasheet HTML 6Page - Analog Devices ADR1000 Datasheet HTML 7Page - Analog Devices ADR1000 Datasheet HTML 8Page - Analog Devices ADR1000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
ADR1000
SPECIFICATIONS
analog.com
Rev. B | 3 of 10
ELECTRICAL CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
ZENER REFERENCE VOLTAGE (VBZ1 + VBEQ1)1
VREF
Zener current (IBZ1) = 5 mA, CQ1 current (ICQ1) = 100 µA
6.57
6.62
6.67
V
IBZ1 = 1 mA, ICQ1 = 100 µA
6.54
6.59
6.64
V
ZENER LEAKAGE CURRENT
IZ
Zener voltage (VZ) = 5 V
1
1.5
µA
ZENER REFERENCE NOISE (VZ + VBEQ1)
eN p-p
IBZ1 = 5 mA, ICQ1 = 100 µA, 0.1 Hz < f < 10 Hz
0.14
ppm p-p
0.9
µV p-p
eN
IBZ1 = 5 mA, ICQ1 = 100 µA
f = 0.1 Hz
300
nV/√Hz
f = 10 Hz
30
nV/√Hz
f = 1 kHz
24
nV/√Hz
HEATER RESISTANCE
RHTR
Heater current (IHEATER) = 1 mA
230
242
255
Ω
BREAKDOWN VOLTAGE
Heater
BVHTR
IHEATER < 10 µA to Pin 4 (IZSET)
70
80
V
Transistor Q1
BVCEO
ICQ1 < 10 µA
15
18
V
Transistor Q2
BVCEO
CQ2 current (ICQ2) < 10 µA
28
39
V
CURRENT GAIN
Q1
hFE_Q1
ICQ1 = 100 µA, VCE = 600 mV
280
400
520
A/A
Q2
hFE_Q2
ICQ1 = 100 µA, VCE = 600 mV
190
300
410
A/A
TEMPERATURE COEFFICIENT
TCVREF
Using the circuit shown in Figure 9 with the
<0.2
ppm/°C
recommended layout
THERMAL HYSTERESIS
ΔVREF_TH
IBZ1 = 5 mA, ICQ1 = 100 µA, ΔTA = 100°C
1
ppm
6.62
µV
THERMAL RESISTANCE
θJA
Time = 5 minutes
216
°C/W
LONG-TERM DRIFT
ΔVREF_LTD
IBZ1 = 5 mA, ICQ1 = 100 µA, TA = 25°C,
chip set temperature (TSET) = 75°C
200 hours (early life drift)
8.9
ppm
1000 hours
7.7
ppm
2000 hours
6.6
ppm
3000 hours
6.2
ppm
1 year (after first 3000 hours)
0.5
ppm
1 VBZ1 is the buried Zener diode voltage, and VBEQ1 is the base emitter voltage of the temperature compensating transistor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com