Electronic Components Datasheet Search
  English  ▼

X  

LM399 Datasheet(PDF) 8 Page - Analog Devices

Part # LM399
Description  Oven-Compensated, Buried Zener, 6.62 V Voltage Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LM399 Datasheet(HTML) 8 Page - Analog Devices

Back Button LM399 Datasheet HTML 2Page - Analog Devices LM399 Datasheet HTML 3Page - Analog Devices LM399 Datasheet HTML 4Page - Analog Devices LM399 Datasheet HTML 5Page - Analog Devices LM399 Datasheet HTML 6Page - Analog Devices LM399 Datasheet HTML 7Page - Analog Devices LM399 Datasheet HTML 8Page - Analog Devices LM399 Datasheet HTML 9Page - Analog Devices LM399 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet
ADR1000
THEORY OF OPERATION
analog.com
Rev. B | 8 of 10
HEATER HEADROOM CONSIDERATIONS
When colder ambient temperatures are combined with higher set
temperatures, the heater drive NPN transistor (QHTR) and the op
amp driving its base may need more headroom. For example, at
−40°C, the heater current is approximately 45 mA, which, when
multiplied by the 242 Ω heater resistance, raises Pin 1 (HTR+) to
10.9 V. A positive supply voltage (V+) set at 15 V results in 4.1 V
headroom for QHTR. If characterization shows a marked increase in
the temperature coefficient of the ADR1000 at lower ambient tem-
peratures, the most likely culprit is not enough headroom for QHTR.
This issue can be solved by either increasing V+ or by choosing a
lower set temperature to reduce TRISE. The following formula can
be used to estimate the minimum heater supply voltage, VMIN:
VMIN = √(TRISE/(θJA × RH)) × RH + VBEQHTR + IBQHTR × 1 kΩ +
VOUT_ADA4084-1
where:
TRISE is the required temperature rise.
θJA is the package thermal resistance (216⁰/W).
RH = 240 Ω. RH is the resistance of the on-chip heater element.
VBEQHTR is the base emitter voltage of QHTR, 900 mV, which is
discrete transistor dependent.
IBQHTR is the base current in the QHTR.
VOUT_ADA4084-1 is the positive headroom limitation, 1 V.
TRISE = TSET − TAMBIENT
IBQHTR × 1 kΩ = (√(TRISE/(θJA × RH))/β) × 1 kΩ
where β is the transistor current gain, assumed to be 100.
Figure 8 shows a plot of the approximate minimum heater supply
voltage (VMIN) vs. required temperature rise (TRISE).
Figure 8. Minimum Supply Voltage vs. Required Temperature Rise
CHOOSING EXTERNAL OP AMPS
The ADA4084-x op amp is used with the ADR1000 evaluation
board because it has a common-mode range that includes ground
on a single supply, and because the output swings rail to rail.
Ground sensing inputs ensure proper startup when input signals
are both close to 0 V. Post startup, the ADA4084-x common mode
remains at around 480 mV. Rail-to-rail output swing ensures that
the heater voltage can be driven from 0 V to 1 V below the positive
supply. One additional requirement is that the op amp not swing to
exactly 0 V during startup, which creates a stable operating point of
0 V on the reference output. Because the ADA4084-x is a bipolar
amplifier, its negative output swing is limited by the typical output
low voltage (VOL) specification of 50 mV, preventing the amplifier
output from reaching true ground.
Other than proper startup, most op amps have little to no effect
on the ADR1000 reference specification. Op amp parameters such
as offset and noise do not significantly affect the performance of
the ADR1000 applications circuit. Referring to Figure 9, Q1 runs
at a gain of approximately 230, which acts as an additional gain
stage in between the Zener reference and the amplifier. This stage
effectively attenuates any noise or offset contribution by 230:1.
CHOOSING EXTERNAL RESISTORS
Although the ADR1000 schematic reduces the external resistance
sensitivity by a factor of 200 or more, care must be taken in
selecting certain components. For example, if a resistor exhibited
200 ppm long-term drift, that affects the reference output by only
1 ppm. In absolute terms, 1 ppm is a small value but significant
compared to the relative stability of the ADR1000. Resistors R1,
R2, R4, and R5 are metal foil, wire wound, or precision thin film to
minimize noise, long-term drift, and temperature coefficient. Table 7
shows the ratio of resistor change to reference voltage change.
Table 7. Application Circuit Resistor Attenuation Factors
Component
Attenuation Factor
R1
340:1
R2
230:1
R3
3900:1 at unheated tempco = 20 ppm/⁰C (Iz = 5 mA)
R4, R5
208:1 at unheated tempco = 20 ppm/⁰C (Iz = 5 mA)
For example, if R1 has a tempco of 10 ppm/⁰C, it causes the VREF
tempco to vary by 10/340 = 0.03 ppm/⁰C. Also, if R1 exhibits a
long-term drift of 40 ppm, it causes a 40/340 = 0.12 ppm change in
reference voltage.
The unheated tempco condition for R3, R4, and R5 is included
in Table 7 because those resistors thermostatically control IC
temperature. Therefore, the unheated drift of the reference loop
is significant. The R4 and R5 tempcos must track to prevent any
dependence of the die set temperature on ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com