Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4664
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 4 Page - Analog Devices

  LTM4664 Datasheet HTML 1Page - Analog Devices LTM4664 Datasheet HTML 2Page - Analog Devices LTM4664 Datasheet HTML 3Page - Analog Devices LTM4664 Datasheet HTML 4Page - Analog Devices LTM4664 Datasheet HTML 5Page - Analog Devices LTM4664 Datasheet HTML 6Page - Analog Devices LTM4664 Datasheet HTML 7Page - Analog Devices LTM4664 Datasheet HTML 8Page - Analog Devices LTM4664 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTM4660
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over specified internal
operating temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VINSNS = 54V, VOUT = 12V and EXTVCC = 12V
(see Note 4). Configured per Block Diagram circuit with no output load unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Capacitor Voltage-Balancing
VTIMER_LOW
Voltage at TIMER Pin to Start Capacitor
Balancing
0.5
V
VTIMER_HIGH
Voltage at TIMER Pin to Stop Capacitor
Balancing
1.25
V
ITIMER
TIMER Pin Charge Current
VTIMER = 0.9V
VTIMER = 2.8V
l
–6
–3
–7
–3.5
–8
–4
μA
μA
VHYS_PRGM
Capacitor Balancing Window Comparator
Threshold
VHYS_PRGM = 0V
VHYS_PRGM = 1.2V
VHYS_PRGM = INTVCC
±0.3
±1.2
±0.8
V
V
V
IHYS_PRGM
HYS_PRGM Pin Current
VHYS_PRGM = 0V
l
–9
–10
–11
μA
VFAULT
FAULT Pin Voltage Low
IFAULT = 0.6mA
0.2
0.4
V
IFAULT
FAULT Leakage Current
VFAULT = 20V
1
μA
IC+(SOURCE)
Current Out of C+ During Capacitor Balancing VC+ to VC– < VIN/2, VC– = 12V, VIN = 48V (Note 8)
40
mA
IC+(SINK)
Current Into C+ During Capacitor Balancing VC+ to VC– > VIN/2, VC– = 12V, VIN = 48V (Note 8)
6
mA
IC–(SINK)
Current Into C– During Capacitor Balancing VC+ to VC– < VIN/2, VC– = 12V, VIN = 48V (Note 8)
40
mA
IC–(SOURCE)
Current Out of C– During Capacitor Balancing VC+ to VC– > VIN/2, VC– = 12V, VIN = 48V (Note 8)
6
mA
IMID(SOURCE)
Current Out of MID During Capacitor Balancing VMID < VIN/2, VMID = VMID_SNS = 23V,
VC+ to VC– ≥ 27V, VC– = 12V, VIN = 48V (Note 8)
60
mA
IMID(SINK)
Current Into MID During Capacitor Balancing
VMID > VIN/2, VMID = VMID_SNS = 31V,
VC+ to VC– ≥ 27V, VC– = 12V, VIN = 48V (Note 8)
40
mA
Oscillator and Timer Circuits
fSYNC(RANGE)
External Frequency Synchronization Range
200
1000
kHz
fSW
Nominal Switching Frequency
RFREQ = 61.9kΩ
450
kHz
IFREQ
FREQ Setting Current
VFREQ = 0V (Note 8)
–9.5
–10
–10.5
µA
Power Good
RPGOOD
PGOOD Pull-Down Resistance
IPGOOD = 0.6mA
650
Ω
IPGOOD_LEAK
PGOOD Leakage Current
VPGOOD = 20V
±1
µA
INTVCC Regulator and EXTVCC Circuits
VINTVCC_INT
INTVCC Voltage No Load
10V ≤ VIN ≤ 60V, VEXTVCC = 0V
l
5.65
5.95
V
INTVCC Load Regulation
IINTVCC = 0 to 50mA, VEXTVCC = 0V
0.8
±2
%
VINTVCC_EXT
INTVCC Voltage No Load with EXTVCC Bias 12V < VEXTVCC < 18V
5.65
5.8
5.95
V
INTVCC Load Regulation with EXTVCC Bias
IINTVCC = 0 to 50mA, VEXTVCC = 12V
0.5
±2
%
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
7
V
EXTVCC Hysteresis
200
mV
Temperature Sensor
ΔVTEMP
Temperature Sensor Forward Voltage,
VTEMP+ to VTEMP–
ITEMP+ = 100µA and ITEMP– = –100 μA at
TA = 25°C
0.6
V
TCΔV(TEMP)
ΔVTEMP Temperature Coefficient
–2.0
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com