Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4664
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 16Page - Analog Devices LTM4664 Datasheet HTML 17Page - Analog Devices LTM4664 Datasheet HTML 18Page - Analog Devices LTM4664 Datasheet HTML 19Page - Analog Devices LTM4664 Datasheet HTML 20Page - Analog Devices LTM4664 Datasheet HTML 21Page - Analog Devices LTM4664 Datasheet HTML 22Page - Analog Devices LTM4664 Datasheet HTML 23Page - Analog Devices LTM4664 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTM4660
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
contained within the μModule regulator, whereas green
resistances are external to the μModule.
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD 51-12 or provided in the
Pin Configuration section replicates or conveys normal
operating conditions of a μModule. For example, in nor-
mal board-mounted applications, never does 100% of
the device’s total power loss (heat) thermally conduct
exclusively through the top or exclusively through bottom
of the μModule—as the standard defines for θJCtop and
θJCbottom, respectively. In practice, power loss is ther-
mally dissipated in both directions away from the pack-
age granted, in the absence of a heat sink and airflow, a
majority of the heat flow is into the board.
Within a SIP (system-in-package) module, be aware there
are multiple power devices and components dissipating
power, with a consequence that the thermal resistances
relative to different junctions of components or die are not
exactly linear with respect to total package power loss. To
reconcile this complication without sacrificing modeling
simplicity—but also, not ignoring practical realities—an
approach has been taken using FEA software modeling
along with laboratory testing in a controlled-environment
chamber to reasonably define and correlate the thermal
resistance values supplied in this data sheet: (1) Initially,
FEA software is used to accurately build the mechanical
geometry of the μModule and the specified PCB with all
of the correct material coefficients along with accurate
power loss source definitions; (2) this model simulates
a software-defined JEDEC environment consistent with
JSED 51-9 to predict power loss heat flow.
The LTM4660 package has been designed such that
inductor on top also doubles as a heat sink, removing heat
from the power switches below. The bottom substrate
material has very low thermal resistance to the printed
circuit board. An external heat sink can be applied to the
top of the device for excellent heat sinking with airflow.
Figure 12 shows a thermal capture of LTM4660 with 48V
input, 12V output at 25A without heat sink and 200LFM
airflow condition.
Recommended PCB footprint
The high integration of LTM4660 makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout consid-
erations are still necessary.
• Use large PCB copper areas for high current paths,
including VIN, GND, VOUT. It helps to minimize the PCB
conduction loss and thermal stress.
• Place high frequency ceramic input and output capaci-
tors next to the VIN, MID, GND and VOUT pins to mini-
mize high frequency noise.
• Use short loops to route CFLY capacitors from C+ to C–.
Reduce the parasitic trace inductance and resistance
in this loop.
JUNCTION
AMBIENT
Module DEVICE
4660 F11
θJCtop, JUNCTION-TO-CASE (TOP)
RESISTANCE
θJB, JUNCTION-TO-BOARD RESISTANCE
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
θJCbot, JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
CASE (BOTTOM)-TO-BOARD
RESISTANCE
θJA, JUNCTION-TO-AMBIENT RESISTANCE
Figure 11. Graphical Representation of Thermal Coefficients, Including JESD51-12 Terms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com