Electronic Components Datasheet Search
  English  ▼

X  

PL133-67 Datasheet(PDF) 5 Page - Microchip Technology

Part # PL133-67
Description  Low-Power DC to 150 MHz 1:6 Fanout Buffer IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-67 Datasheet(HTML) 5 Page - Microchip Technology

  PL133-67 Datasheet HTML 1Page - Microchip Technology PL133-67 Datasheet HTML 2Page - Microchip Technology PL133-67 Datasheet HTML 3Page - Microchip Technology PL133-67 Datasheet HTML 4Page - Microchip Technology PL133-67 Datasheet HTML 5Page - Microchip Technology PL133-67 Datasheet HTML 6Page - Microchip Technology PL133-67 Datasheet HTML 7Page - Microchip Technology PL133-67 Datasheet HTML 8Page - Microchip Technology PL133-67 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006671A-page 5
PL133-67
2.0
PIN DESCRIPTIONS
FIGURE 2-1:
Pin Configuration, 16-Lead TSSOP Package.
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number P8in Name
Type
Description
1
REF
I
Input reference frequency.
3
CLK0
O
Buffered clock output.
6
CLK1
O
Buffered clock output.
7
CLK2
O
Buffered clock output.
10
CLK3
O
Buffered clock output.
11
CLK4
O
Buffered clock output.
14
CLK5
O
Buffered clock output.
4, 13
VDD
P
VDD connection.
5, 9, 12
GND
P
GND connection.
8
OE
I
Output enable control input with 120 kΩ pull-up
2, 15, 16
DNC
—
Do not connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com