Electronic Components Datasheet Search
  English  ▼

X  

PL133-67 Datasheet(PDF) 1 Page - Microchip Technology

Part # PL133-67
Description  Low-Power DC to 150 MHz 1:6 Fanout Buffer IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-67 Datasheet(HTML) 1 Page - Microchip Technology

  PL133-67 Datasheet HTML 1Page - Microchip Technology PL133-67 Datasheet HTML 2Page - Microchip Technology PL133-67 Datasheet HTML 3Page - Microchip Technology PL133-67 Datasheet HTML 4Page - Microchip Technology PL133-67 Datasheet HTML 5Page - Microchip Technology PL133-67 Datasheet HTML 6Page - Microchip Technology PL133-67 Datasheet HTML 7Page - Microchip Technology PL133-67 Datasheet HTML 8Page - Microchip Technology PL133-67 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006671A-page 1
PL133-67
Features
• 1:6 LVCMOS Output Fanout Buffer from DC
to150 MHz
• Low Additive Phase Jitter of 60 fs RMS
• 8 mA Output Drive Strength
• Low Power Consumption for Portable
Applications
• Low Input-Output Delay
• Output-Output Skew <250 ps
• 2.5V to 3.3V, ±10% Operation
• 1.8V +10%/–5% Operation up to 67 MHz
• Operating Temperature Range:
- Commercial: 0°C to +70°C
- Industrial: –40°C to +85°C
• Available in 16-Pin TSSOP Package
General Description
The PL133-67 is an advanced fanout buffer design for
high performance, low-power, small form factor
applications. The PL133-67 accepts a reference clock
input from DC to 150 MHz and provides six outputs of
the same frequency.
The PL133-67 is offered in a TSSOP-16L package and
it offers the best phase noise, additive jitter
performance, and lowest power consumption of any
comparable IC.
The PL133-67 outputs can be disabled to a high
impedance (tri-state) by pulling low the OE pin. When
the OE pin is high, the outputs are enabled and follow
the REF input signal. When the OE pin is left open, a
pull-up resistor on the chip will default the OE pin to
logic 1 so the outputs are enabled.
Functional Block Diagram
Low-Power DC to 150 MHz 1:6 Fanout Buffer IC


Similar Part No. - PL133-67

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL133-67 MICREL-PL133-67 Datasheet
340Kb / 6P
Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
Rev 03/18/11
logo
Microchip Technology
PL133-67 MICROCHIP-PL133-67 Datasheet
2Mb / 19P
Low-Power DC to 160 MHz 1:6 Fanout Buffer IC
January 2026
logo
Micrel Semiconductor
PL133-67OC MICREL-PL133-67OC Datasheet
340Kb / 6P
Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
Rev 03/18/11
PL133-67OC-R MICREL-PL133-67OC-R Datasheet
340Kb / 6P
Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
Rev 03/18/11
PL133-67OI MICREL-PL133-67OI Datasheet
340Kb / 6P
Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
Rev 03/18/11
More results

Similar Description - PL133-67

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89856U MICREL-SY89856U_10 Datasheet
333Kb / 11P
2GHz, Low-Power, 1:6 LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
854S006I IDT-854S006I Datasheet
272Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006 IDT-854S006 Datasheet
691Kb / 17P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
ICS8546-01 IDT-ICS8546-01 Datasheet
1,019Kb / 19P
Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
logo
Microchip Technology
PL133-47 MICROCHIP-PL133-47 Datasheet
2Mb / 20P
Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
Revision A (April 2022)
PL133-97 MICROCHIP-PL133-97 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:9 Fanout Buffer IC
Revision A (April 2022)
logo
Renesas Technology Corp
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
83905-01 RENESAS-83905-01 Datasheet
606Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS Fanout Buffer
05/01/15
ICS8546-01 RENESAS-ICS8546-01 Datasheet
1Mb / 20P
Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
FEBRUARY 25, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com