Electronic Components Datasheet Search
  English  ▼

X  

SY88403BL Datasheet(PDF) 13 Page - Microchip Technology

Part # SY88403BL
Description  3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY88403BL Datasheet(HTML) 13 Page - Microchip Technology

Back Button SY88403BL Datasheet HTML 9Page - Microchip Technology SY88403BL Datasheet HTML 10Page - Microchip Technology SY88403BL Datasheet HTML 11Page - Microchip Technology SY88403BL Datasheet HTML 12Page - Microchip Technology SY88403BL Datasheet HTML 13Page - Microchip Technology SY88403BL Datasheet HTML 14Page - Microchip Technology SY88403BL Datasheet HTML 15Page - Microchip Technology SY88403BL Datasheet HTML 16Page - Microchip Technology SY88403BL Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006650A-page 13
SY88403BL
16-Lead QFN Package Outline and Recommended Land Pattern
B
A
0.05 C
0.05 C
0.10
C A B
0.05
C
C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Sheet 1 of 2
2X
16X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
16-Lead Very Thin Plastic Quad Flat, No Lead Package (NCA) - 3x3x1.0 mm Body [VQFN]
With 1.55 mm Exposed Pad
Note:
Microchip Technology Drawing C04-1103-NCA Rev B
NOTE1
(DATUM B)
(DATUM A)
NOTE 1
SEATING
PLANE
A1
(A3)
A
D
E
D2
E2
(K)
16X b
e
e
2
L
1
2
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com