Electronic Components Datasheet Search
  English  ▼

X  

SY88403BL Datasheet(PDF) 14 Page - Microchip Technology

Part # SY88403BL
Description  3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY88403BL Datasheet(HTML) 14 Page - Microchip Technology

Back Button SY88403BL Datasheet HTML 10Page - Microchip Technology SY88403BL Datasheet HTML 11Page - Microchip Technology SY88403BL Datasheet HTML 12Page - Microchip Technology SY88403BL Datasheet HTML 13Page - Microchip Technology SY88403BL Datasheet HTML 14Page - Microchip Technology SY88403BL Datasheet HTML 15Page - Microchip Technology SY88403BL Datasheet HTML 16Page - Microchip Technology SY88403BL Datasheet HTML 17Page - Microchip Technology SY88403BL Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
SY88403BL
DS20006650A-page 14
2022 Microchip Technology Inc. and its subsidiaries
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
3.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.50 BSC
0.203 REF
1.50
0.35
0.18
0.80
0.00
0.23
0.40
1.55
0.90
0.02
3.00 BSC
MILLIMETERS
MIN
NOM
16
1.60
0.45
0.28
1.00
0.05
MAX
K
0.33 REF
Terminal-to-Exposed-Pad
Overall Length
Exposed Pad Length
D
D2
1.50
3.00 BSC
1.55
1.60
16-Lead Very Thin Plastic Quad Flat, No Lead Package (NCA) - 3x3x1.0 mm Body [VQFN]
With 1.55 mm Exposed Pad
Microchip Technology Drawing C04-1103-NCA Rev B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com