Electronic Components Datasheet Search
  English  ▼

X  

AR1PD Datasheet(PDF) 3 Page - Vishay Siliconix

Part # AR1PD
Description  Surface Mount Fast Avalanche Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AR1PD Datasheet(HTML) 3 Page - Vishay Siliconix

  AR1PD Datasheet HTML 1Page - Vishay Siliconix AR1PD Datasheet HTML 2Page - Vishay Siliconix AR1PD Datasheet HTML 3Page - Vishay Siliconix AR1PD Datasheet HTML 4Page - Vishay Siliconix AR1PD Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AR1PD, AR1PG, AR1PJ, AR1PK, AR1PM
www.vishay.com
Vishay General Semiconductor
Revision: 21-Feb-2020
3
Document Number: 89289
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Typical Instantaneous Forward Characteristics
Fig. 5 - Typical Instantaneous Forward Characteristics
Fig. 6 - Typical Reverse Characteristics
Fig. 7 - Typical Reverse Characteristics
Fig. 8 - Typical Junction Capacitance
1.4
1.0
0.8
0.6
0.4
0.2
0
1.2
1.0
0.8
0.6
0.4
0.2
0
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current (A)
D = t
p/T
t
p
T
AR1PK thru AR1PM
1.2
10
100
1000
10000
0.01
0.1
1
10
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
Axis Title
Instantaneous Forward Voltage (V)
T
j = -40 °C
T
j = 25 °C
T
j = 175 °C
T
j = 125 °C
T
j = 75 °C
AR1PD thru AR1PJ
10
100
1000
10000
0.01
0.1
1
10
0.30.5
0.70.9
1.11.3
1.51.7
1.9
Axis Title
Instantaneous Forward Voltage (V)
T
j = -40 °C
T
j = 25 °C
T
j = 175 °C
T
j = 125 °C
T
j = 75 °C
AR1PK thru AR1PM
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
Axis Title
Percent of Rated Peak Reverse Voltage (%)
T
J = 175 °C
T
J = 125 °C
T
J = 75 °C
T
J = 25 °C
T
J = -40 °C
AR1PD thru ARPJ
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
Axis Title
Percent of Rated Peak Reverse Voltage (%)
T
J = 175 °C
T
J = 125 °C
T
J = 75 °C
T
J = 25 °C
T
J = -40 °C
AR1PK thru AR1PM
Reverse Voltage (V)
0.1
10
1
100
1
10
100
AR1PD thru AR1PJ
AR1PK thru AR1PM
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com