Electronic Components Datasheet Search
  English  ▼

X  

MA162 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA162
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA162 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA162 Datasheet HTML 1Page - Panasonic Semiconductor MA162 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Diodes
1
MA2B150, MA2B161, MA2B162, MA2B162A
Silicon epitaxial planar type
For switching circuits
I Features
• Short reverse recovery time t
rr
• Small terminal capacitance, C
t
I Absolute Maximum Ratings T
a = 25°C
1 : Cathode
2 : Anode
JEDEC : DO-35
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage
MA2B150
VR
35
V
(DC)
MA2B161
50
MA2B162
75
MA2B162A
120
Repetitive peak
MA2B150
VRRM
35
V
reverse voltage
MA2B161
50
MA2B162
75
MA2B162A
120
Average forward current
IF(AV)
100
mA
Repetitive peak forward current
IFRM
225
mA
Non-repetitive peak forward
IFSM
500
mA
surge current*
Junction temperature
Tj
200
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
MA2B150
IR
VR = 15 V
0.025
µA
VR = 30 V
0.1
MA2B161
VR = 15 V
0.025
VR = 50 V
5
MA2B162
VR = 20 V
0.012
0.025
VR = 75 V
5
MA2B162A
VR = 20 V
0.012
0.025
VR = 120 V
5
MA2B150
VR = 35 V, Ta = 150
°C
100
MA2B161
VR = 50 V, Ta = 150
°C
100
MA2B162
VR = 75 V, Ta = 150
°C
50
100
MA2B162A
VR = 75 V, Ta = 150
°C
50
100
Forward voltage (DC)
VF
IF = 100 mA
0.95
1.2
V
Reverse voltage (DC)
MA2B150
VR
IR = 5
µA35
V
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
0.9
2
pF
Reverse recovery time* MA2B150
trr
IF = 10 mA, VR = 1 V, RL = 100 Ω
10
ns
MA2B161/162/162A
Measure when Irr = 0.1 · IR
2.2
4
I Electrical Characteristics T
a = 25°C
Note) * : t = 1 s
Note) 1. Rated input/output frequency:
100 MHz
2. * : trr measuring circuit
Type No.
MA2B150
MA2B161
MA2B162
MA2B162A
Color
1st Band
White
Green
Violet
Black
2nd Band



Black
I Cathode Indication
φ 0.56 max.
φ 1.95 max.
COLORED BAND
INDICATES
CATHODE
1st Band
2nd Band
1
2


Similar Part No. - MA162

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
MA162 WINNERJOIN-MA162 Datasheet
93Kb / 1P
Fast Switching Rectifiers
More results

Similar Description - MA162

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com