Electronic Components Datasheet Search
  English  ▼

X  

MA162 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA162
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA162 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA162 Datasheet HTML 1Page - Panasonic Semiconductor MA162 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Switching Diodes
2
IR  VR
IR  VR
IF  VF
VF  Ta
MA2B150, MA2B161, MA2B162, MA2B162A
trr measuring circuit
IR  Ta
IR  Ta
Ct  VR
10−2
0
0.2
0.4
0.6
0.8
1.0
1.2
10−1
1
10
102
103
Forward voltage V
F
(V)
Ta
= 150°C
75
°C
25
°C
− 20°C
10−3
10−2
10−1
1
10
102
Reverse voltage V
R
(V)
040
10
30
20
Ta
= 150°C
25
°C
100
°C
MA2B150
10−3
10−2
10−1
1
10
102
Reverse voltage V
R
(V)
0
20406080
100
Ta
= 150°C
100
°C
25
°C
MA2B161
MA2B162
MA2B162A
0
0.2
0.4
0.6
0.8
1.0
−40
0
40
80
120
160
200
Ambient temperature T
a
(
°C)
IF
= 20 mA
10 mA
1 mA
0.1 mA
0.01 mA
10−3
0
40
80
120
160
200
10−2
10−1
1
10
102
Ambient temperature T
a
(
°C)
15 V
VR
= 35 V
MA2B150
0
0.4
0.8
1.2
1.6
2.0
04
8
12
16
20
Reverse voltage V
R
(V)
f
= 1 MHz
Ta
= 25°C
MA2B161, MA2B162, MA2B162A
MA2B150
10−3
0
40
80
120
160
200
10−2
10−1
1
10
102
Ambient temperature T
a
(
°C)
MA2B161
MA2B162
MA2B162A
VR
= 120 V
75 V
50 V
20 V
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
V
R = 6 V
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 0.1 · IR
t
r
t
p
t
rr
V
R
I
F
t
t
A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com