Electronic Components Datasheet Search
  English  ▼

X  

MPC8250EC Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MPC8250EC
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8250EC Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MPC8250EC Datasheet HTML 24Page - NXP Semiconductors MPC8250EC Datasheet HTML 25Page - NXP Semiconductors MPC8250EC Datasheet HTML 26Page - NXP Semiconductors MPC8250EC Datasheet HTML 27Page - NXP Semiconductors MPC8250EC Datasheet HTML 28Page - NXP Semiconductors MPC8250EC Datasheet HTML 29Page - NXP Semiconductors MPC8250EC Datasheet HTML 30Page - NXP Semiconductors MPC8250EC Datasheet HTML 31Page - NXP Semiconductors MPC8250EC Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
28
Freescale Semiconductor
Clock Configuration Modes
0100_011
66/33 MHz
3/6
200 MHz
4
266 MHz
366 MHz
0100_100
66/33 MHz
3/6
200 MHz
4.5
300 MHz
366 MHz
0101_000 5
33 MHz
5
166 MHz
2.5
166 MHz
2.5
66 MHz
0101_0015
33 MHz
5
166 MHz
3
200 MHz
2.5
66 MHz
0101_0105
33 MHz
5
166 MHz
3.5
233 MHz
2.5
66 MHz
0101_0115
33 MHz
5
166 MHz
4
266 MHz
2.5
66 MHz
0101_1005
33 MHz
5
166 MHz
4.5
300 MHz
2.5
66 MHz
0110_000
50/25 MHz
4/8
200 MHz
2.5
166 MHz
3
66 MHz
0110_001
50/25 MHz
4/8
200 MHz
3
200 MHz
3
66 MHz
0110_010
50/25 MHz
4/8
200 MHz
3.5
233 MHz
3
66 MHz
0110_011
50/25 MHz
4/8
200 MHz
4
266 MHz
3
66 MHz
0110_100
50/25 MHz
4/8
200 MHz
4.5
300 MHz
3
66 MHz
0111_000
66/33 MHz
3/6
200 MHz
2
200 MHz
2
100 MHz
0111_001
66/33 MHz
3/6
200 MHz
2.5
250 MHz
2
100 MHz
0111_010
66/33 MHz
3/6
200 MHz
3
300 MHz
2
100 MHz
0111_011
66/33 MHz
3/6
200 MHz
3.5
350 MHz
2
100 MHz
1000_000
66/33 MHz
3/6
200 MHz
2
160 MHz
2.5
80 MHz
1000_001
66/33 MHz
3/6
200 MHz
2.5
200 MHz
2.5
80 MHz
1000_010
66/33 MHz
3/6
200 MHz
3
240 MHz
2.5
80 MHz
1000_011
66/33 MHz
3/6
200 MHz
3.5
280 MHz
2.5
80 MHz
1000_100
66/33 MHz
3/6
200 MHz
4
320 MHz
2.5
80 MHz
1000_101
66/33 MHz
3/6
200 MHz
4.5
360 MHz
2.5
80 MHz
1001_000
66/33 MHz
4/8
266 MHz
2.5
166 MHz
4
66 MHz
1001_001
66/33 MHz
4/8
266 MHz
3
200 MHz
4
66 MHz
1001_010
66/33 MHz
4/8
266 MHz
3.5
233 MHz
4
66 MHz
1001_011
66/33 MHz
4/8
266 MHz
4
266 MHz
4
66 MHz
1001_100
66/33 MHz
4/8
266 MHz
4.5
300 MHz
4
66 MHz
Table 18. Clock Configuration Modes in PCI Agent Mode (continued)
MODCK_H
–
MODCK[1–
3]
Input Clock
Frequency
(PCI) 1, 2
CPM
Multiplication
Factor1
CPM
Frequency
Core
Multiplication
Factor
Core
Frequency3
Bus Division
Factor
60x Bus
Frequency4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com