Electronic Components Datasheet Search
  English  ▼

X  

MPC8250EC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC8250EC
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8250EC Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC8250EC Datasheet HTML 1Page - NXP Semiconductors MPC8250EC Datasheet HTML 2Page - NXP Semiconductors MPC8250EC Datasheet HTML 3Page - NXP Semiconductors MPC8250EC Datasheet HTML 4Page - NXP Semiconductors MPC8250EC Datasheet HTML 5Page - NXP Semiconductors MPC8250EC Datasheet HTML 6Page - NXP Semiconductors MPC8250EC Datasheet HTML 7Page - NXP Semiconductors MPC8250EC Datasheet HTML 8Page - NXP Semiconductors MPC8250EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
Freescale Semiconductor
5
Features
– 2,048 bytes of SI RAM
– Bit or byte resolution
– Independent transmit and receive routing, frame synchronization
– Supports T1, CEPT, T1/E1, T3/E3, pulse code modulation highway, ISDN basic rate, ISDN
primary rate, Freescale interchip digital link (IDL), general circuit interface (GCI), and
user-defined TDM serial interfaces
— Eight independent baud rate generators and 20 input clock pins for supplying clocks to FCCs,
SCCs, SMCs, and serial channels
— Four independent 16-bit timers that can be interconnected as two 32-bit timers
•
PCI bridge
— PCI Specification Revision 2.2 compliant and supports frequencies up to 66 MHz
— On-chip arbitration
— Support for PCI to 60x memory and 60x memory to PCI streaming
— PCI Host Bridge or Periphera
l capabilities
— Includes 4 DMA channels for the following transfers:
– PCI-to-60x to 60x-to-PCI
– 60x-to-PCI to PCI-to-60x
– PCI-to-60x to PCI-to-60x
– 60x-to-PCI to 60x-to-PCI
— Includes all of the configuration registers (which are automatically loaded from the EPROM
and used to configure the MPC8265A) required by the PCI standard as well as message and
doorbell registers
— Supports the I2O standard
— Hot-Swap friendly (supports the Hot Swap Specification as defined by PICMG 2.1 R1.0
August 3, 1998)
— Support for 66 MHz, 3.3 V specification
— 60x-PCI bus core logic which uses a buffer pool to allocate buffers for each port
— Makes use of the local bus signals, so there is no need for additional pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com