Electronic Components Datasheet Search
  English  ▼

X  

MPC850 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC850
Description  PowerQUICC??Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC850 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC850 Datasheet HTML 9Page - NXP Semiconductors MPC850 Datasheet HTML 10Page - NXP Semiconductors MPC850 Datasheet HTML 11Page - NXP Semiconductors MPC850 Datasheet HTML 12Page - NXP Semiconductors MPC850 Datasheet HTML 13Page - NXP Semiconductors MPC850 Datasheet HTML 14Page - NXP Semiconductors MPC850 Datasheet HTML 15Page - NXP Semiconductors MPC850 Datasheet HTML 16Page - NXP Semiconductors MPC850 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
13
Bus Signal Timing
B22
CLKOUT rising edge to CS
asserted GPCM ACS = 00
5.00
11.75
7.58
14.33
6.25
13.00
0.250
50.00
ns
B22a
CLKOUT falling edge to CS
asserted GPCM ACS = 10,
TRLX = 0,1
—
8.00
—
8.00
—
8.00
—
50.00
ns
B22b
CLKOUT falling edge to CS
asserted GPCM ACS = 11,
TRLX = 0, EBDF = 0
5.00
11.75
7.58
14.33
6.25
13.00
0.250
50.00
ns
B22c
CLKOUT falling edge to CS
asserted GPCM ACS = 11,
TRLX = 0, EBDF = 1
7.00
14.00
11.00
18.00
9.00
16.00
0.375
50.00
ns
B23
CLKOUT rising edge to CS
negated GPCM read access,
GPCM write access ACS = 00,
TRLX = 0 & CSNT = 0
2.00
8.00
2.00
8.00
2.00
8.00
—
50.00
ns
B24
A[6–31] to CS asserted GPCM
ACS = 10, TRLX = 0.
3.00
—
6.00
—
4.00
—
0.250
50.00
ns
B24a
A[6–31] to CS asserted GPCM
ACS = 11, TRLX = 0
8.00
—
13.00
—
11.00
—
0.500
50.00
ns
B25
CLKOUT rising edge to OE,
WE[0–3] asserted
—
9.00
—
9.00
—
9.00
—
50.00
ns
B26
CLKOUT rising edge to OE
negated
2.00
9.00
2.00
9.00
2.00
9.00
—
50.00
ns
B27
A[6–31] to CS asserted GPCM
ACS = 10, TRLX = 1
23.00
—
36.00
—
29.00
—
1.250
50.00
ns
B27a
A[6–31] to CS asserted GPCM
ACS = 11, TRLX = 1
28.00
—
43.00
—
36.00
—
1.500
50.00
ns
B28
CLKOUT rising edge to
WE[0–3] negated GPCM write
access CSNT = 0
—
9.00
—
9.00
—
9.00
—
50.00
ns
B28a
CLKOUT falling edge to
WE[0–3] negated GPCM write
access TRLX = 0,1 CSNT = 1,
EBDF = 0
5.00
12.00
8.00
14.00
6.00
13.00
0.250
50.00
ns
B28b
CLKOUT falling edge to CS
negated GPCM write access
TRLX = 0,1 CSNT = 1, ACS =
10 or ACS = 11, EBDF = 0
—
12.00
—
14.00
—
13.00
0.250
50.00
ns
Table 6. Bus Operation Timing 1 (continued)
Num
Characteristic
50 MHz
66 MHz
80 MHz
FFACT
Cap Load
(default
50 pF)
Unit
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com