| Electronic Components Datasheet Search |
|
ADSP-SC592 Datasheet(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC592 Datasheet(HTML) 14 Page - Analog Devices |
|
14 / 145 page ![]() Rev. A | Page 14 of 145 | April 2022 ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 Trigger Routing Unit (TRU) The trigger routing unit (TRU) provides system level sequence control without core intervention. The TRU maps trigger gener- ators to trigger receivers. Trigger receivers can be configured to respond to triggers in various ways. Common applications enabled by the TRU include, • Automatically triggering the start of a DMA sequence after a sequence from another DMA channel completes • Software triggering • Synchronization of concurrent activities SECURITY FEATURES The following sections describe the security features of the ADSP-2159x/ADSP-SC59x processors. Arm TrustZone The ADSP-SC59x processors provide TrustZone technology that is integrated into the Arm Cortex-A5 processors. The TrustZone technology enables a secure state that is extended throughout the system fabric. Cryptographic Hardware Accelerators The ADSP-2159x/ADSP-SC59x processors support standards- based hardware accelerated encryption, decryption, authentica- tion, and true random number generation. Support for the hardware accelerated cryptographic ciphers includes the following: • AES in ECB, CBC, ICM, and CTR modes with 128-bit, 192-bit, and 256-bit keys • DES in ECB and CBC mode with 56-bit key • 3DES in ECB and CBC mode with 3x 56-bit key • ARC4 in stateful, stateless mode, up to 128-bit key Support for the hardware accelerated hash functions includes the following: •SHA-1 • SHA-2 with 224-bit and 256-bit digests • HMAC transforms for SHA-1 and SHA-2 •MD5 Public key accelerator (PKA) is available to offload computation intensive public key cryptography operations. Both a hardware-based nondeterministic random number gen- erator and pseudorandom number generator are available. Secure boot is also available with 224-bit and 256-bit elliptic curve digital signatures ensuring integrity and authenticity of the boot stream. Optionally, ensuring confidentiality through AES-128 encryption is available. Employ secure debug to allow only trusted users to access the system with debug tools. System Protection Unit (SPU) The system protection unit (SPU) guards against accidental or unwanted access to an MMR space of the peripheral by provid- ing a write protection mechanism. The user can choose and configure the protected peripherals as well as configure which of the six system MMR requesters (Arm Cortex-A5, two SHARC+ cores, two memory DMA, and Arm® CoreSight TM debug) the peripherals are guarded against. The SPU is also part of the security infrastructure. Along with providing write protection functionality, the SPU is employed to define which resources in the system are secure or nonsecure as well as block access to secure resources from nonsecure requesters. System Memory Protection Unit (SMPU) The system memory protection unit (SMPU) provides memory protection against read and/or write transactions to defined regions of memory. There are SMPU units in the ADSP- 2159x/ADSP-SC59x processors for each memory space, except for SHARC L1. The SMPU is also part of the security infrastructure. It allows the user to protect against arbitrary read and/or write transac- tions and allows regions of memory to be defined as secure and prevent nonsecure requesters from accessing those memory regions. SECURITY FEATURES DISCLAIMER Analog Devices does not guarantee that the Security Features described herein provide absolute security. ACCORDINGLY, ANALOG DEVICES HEREBY DISCLAIMS ANY AND ALL EXPRESS AND IMPLIED WARRANTIES THAT THE SECURITY FEATURES CANNOT BE BREACHED, COMPROMISED, OR OTHERWISE CIRCUMVENTED AND IN NO EVENT SHALL ANALOG DEVICES BE LIABLE FOR ANY LOSS, DAMAGE, DESTRUCTION, OR RELEASE OF DATA, INFORMATION, PHYSICAL PROPERTY, OR INTELLECTUAL PROPERTY. CAUTION This product includes security features that can be used to protect embedded nonvolatile memory contents and prevent execution of unauthorized code. When security is enabled on this device (either by the ordering party or the subsequent receiving parties), the ability of Analog Devices to conduct failure analysis on returned devices is limited. Contact Analog Devices for details on the failure analysis limitations for this device. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |