Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC592 Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-SC592
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC592 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-SC592 Datasheet HTML 17Page - Analog Devices ADSP-SC592 Datasheet HTML 18Page - Analog Devices ADSP-SC592 Datasheet HTML 19Page - Analog Devices ADSP-SC592 Datasheet HTML 20Page - Analog Devices ADSP-SC592 Datasheet HTML 21Page - Analog Devices ADSP-SC592 Datasheet HTML 22Page - Analog Devices ADSP-SC592 Datasheet HTML 23Page - Analog Devices ADSP-SC592 Datasheet HTML 24Page - Analog Devices ADSP-SC592 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 145 page
background image
Rev. A
|
Page 21 of 145
|
April 2022
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594
• Hardware reset—the SYS_HWRST input signal asserts
active (pulled down).
• Core only reset—affects only the core. The core is not
accessed by any bus requester when in reset state.
• Trigger request (peripheral).
Clock Generation Unit (CGU)
The ADSP-2159x/ADSP-SC59x processors support two inde-
pendent PLLs. Each PLL is part of a clock generation unit
(CGU). Each CGU can be either driven externally by the same
clock source or driven by separate sources, thus providing flexi-
bility in determining the internal clocking frequencies for each
clock domain.
Frequencies generated by each CGU are derived from a com-
mon multiplier with different divider values available for each
output.
The CGU generates all on-chip clocks and synchronization sig-
nals. Multiplication factors are programmed to define the
PLLCLK frequency.
Programmable values divide the PLLCLK frequency to generate
the core clock (CCLK), the system clocks, the DDR3/DDR3L
clock (DCLK), and the output clock (OCLK). For more infor-
mation on clocking, see the ADSP-2159x/ADSP-SC591/SC592/
SC594 SHARC+ Processor Hardware Reference.
Writing to the CGU control registers does not affect the behav-
ior of the PLL immediately. Registers are first programmed with
a new value and the PLL logic executes the changes to ensure
smooth transitions from the current conditions to the new
conditions.
System Crystal Oscillator
The processor can be clocked by an external crystal
(see Figure 6), a sine wave input, or a buffered, shaped clock
derived from an external clock oscillator. If using an external
clock, it must be compatible with the VIHCLKIN and VILCLKIN
specifications and must not be halted, changed, or operated
below the specified frequency during normal operation (see the
Operating Conditions section). This signal is connected to the
SYS_CLKINx pin of the processor. When using an external
clock, the SYS_XTALx pin must be left unconnected. Alterna-
tively, because the processor includes an on-chip oscillator
circuit, an external crystal can be used.
For fundamental frequency operation, use the circuit shown in
Figure 6. A parallel resonant, fundamental frequency, micro-
processor grade crystal is connected across the SYS_CLKINx
pin and the SYS_XTALx pin.
The two capacitors and the series resistor, shown in Figure 6,
fine tune phase and amplitude of the sine frequency. The capac-
itor and resistor values shown in Figure 6 are typical values
only. The capacitor values are dependent upon the load capaci-
tance recommendations of the crystal manufacturer and the
physical layout of the printed circuit board (PCB). The resistor
value depends on the drive level specified by the crystal
manufacturer. The user must verify the customized values based
on careful investigations on multiple devices over the required
temperature range.
Clock Distribution Unit (CDU)
The two clock generation units each provide outputs that feed a
clock distribution unit (CDU). The clock outputs
CLKO0–CLKO12 are connected to various targets. For more
information, refer to the ADSP-2159x/ADSP-SC591/SC592/
SC594 SHARC+ Processor Hardware Reference.
Clock Out/External Clock
The SYS_CLKOUT output pin has programmable options to
output divided down versions of the on-chip clocks. By default,
the SYS_CLKOUT pin drives a buffered version of the
SYS_ CLKIN0 input. Refer to the ADSP-2159x/ADSP-SC591/
SC592/SC594 SHARC+ Processor Hardware Reference to
change the default mapping of clocks.
Booting
The processors have several mechanisms for automatically load-
ing internal and external memory after a reset. The boot mode is
defined by the SYS_BMODE[n] input pins. There are two cate-
gories of boot modes. In flash boot modes, the processors
actively load data from serial memories. In external host boot
modes, the processors receive data over a serial interface from
an external host device.
The boot modes are shown in Table 7. These modes are imple-
mented by the SYS_BMODE[n] bits of the reset configuration
register and are sampled during power-on resets and software
initiated resets.
In the ADSP-SC59x processors, the Arm Cortex-A5 (Core 0)
controls the boot process, including loading all internal and
external memory. Likewise, in the ADSP-2159x processors, the
SHARC+ (Core 1) controls the boot function. The option for
secure boot is available on all models.
Figure 6. External Crystal Connection
SYS_CLKIN
TO PLL
CIRCUITRY
NOTE: VALUES MARKED WITH * MUST BE CUSTOMIZED, DEPENDING
ON THE CRYSTAL AND LAYOUT. ANALYZE CAREFULLY. VALID
FREQUENCY RANGE IS 20 MHz TO 30 MHz FOR SYS_CLKIN.
27pF*
SHARC® PROCESSOR
SYS_XTAL
*
27pF*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com